Electronic Components Datasheet Search
  English  ▼

X  

C8051F310 Datasheet(PDF) 157 Page - List of Unclassifed Manufacturers

Part # C8051F310
Description  8/16 kB ISP Flash MCU Family
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

C8051F310 Datasheet(HTML) 157 Page - List of Unclassifed Manufacturers

Back Button C8051F310 Datasheet HTML 153Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 154Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 155Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 156Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 157Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 158Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 159Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 160Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 161Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 224 page
background image
Rev. 1.6
157
C8051F310/1/2/3/4/5/6/7
14.6. SMBus Status Decoding
The current SMBus status can be easily decoded using the SMB0CN register. In the table below, STATUS
VECTOR refers to the four upper bits of SMB0CN: MASTER, TXMODE, STA, and STO. Note that the
shown response options are only the typical responses; application-specific procedures are allowed as
long as they conform to the SMBus specification. Highlighted responses are allowed but do not conform to
the SMBus specification.
Table 14.4. SMBus Status Decoding
Values Read
Current SMbus State
Typical Response Options
Values
Written
1110
0
0
X
A master START was
generated.
Load slave address + R/W into
SMB0DAT.
0
0
X
1100
000
A master data or address byte
was transmitted; NACK
received.
Set STA to restart transfer.
1
0
X
Abort transfer.
0
1
X
001
A master data or address byte
was transmitted; ACK
received.
Load next data byte into
SMB0DAT.
0
0
X
End transfer with STOP.
0
1
X
End transfer with STOP and start
another transfer.
1
1
X
Send repeated START.
1
0
X
Switch to Master Receiver Mode
(clear SI without writing new data
to SMB0DAT).
0
0
X
1000
1
0
X
A master data byte was
received; ACK requested.
Acknowledge received byte; Read
SMB0DAT.
0
0
1
Send NACK to indicate last byte,
and send STOP.
0
1
0
Send NACK to indicate last byte,
and send STOP followed by
START.
1
1
0
Send ACK followed by repeated
START.
1
0
1
Send NACK to indicate last byte,
and send repeated START.
1
0
0
Send ACK and switch to Master
Transmitter Mode (write to
SMB0DAT before clearing SI).
0
0
1
Send NACK and switch to Master
Transmitter Mode (write to
SMB0DAT before clearing SI).
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com