159 / 224 page

Rev. 1.6
159
C8051F310/1/2/3/4/5/6/7
15. UART0
UART0 is an asynchronous, full duplex serial port offering modes 1 and 3 of the standard 8051 UART.
Enhanced baud rate support allows a wide range of clock sources to generate standard baud rates (details
in Section “15.1. Enhanced Baud Rate Generation” on page 160). Received data buffering allows
UART0 to start reception of a second incoming data byte before software has finished reading the previous
data byte.
UART0 has two associated SFRs: Serial Control Register 0 (SCON0) and Serial Data Buffer 0 (SBUF0).
The single SBUF0 location provides access to both transmit and receive registers. Writes to SBUF0
always access the Transmit register. Reads of SBUF0 always access the buffered Receive register;
it is not possible to read data from the Transmit register.
With UART0 interrupts enabled, an interrupt is generated each time a transmit is completed (TI0 is set in
SCON0), or a data byte has been received (RI0 is set in SCON0). The UART0 interrupt flags are not
cleared by hardware when the CPU vectors to the interrupt service routine. They must be cleared manually
by software, allowing software to determine the cause of the UART0 interrupt (transmit complete or receive
complete).
Figure 15.1. UART0 Block Diagram
UART Baud
Rate Generator
RI
SCON
Tx Control
Tx Clock
Send
SBUF
(TX Shift)
Start
Data
Write to
SBUF
Crossbar
TX
Shift
Zero Detector
Tx IRQ
SET
Q
D
CLR
Stop Bit
TB8
SFR Bus
Serial
Port
Interrupt
TI
Port I/O
Rx Control
Start
Rx Clock
Load
SBUF
Shift
0x1FF
RB8
Rx IRQ
Input Shift Register
(9 bits)
Load SBUF
Read
SBUF
SFR Bus
Crossbar
RX
SBUF
(RX Latch)