Electronic Components Datasheet Search
  English  ▼

X  

C8051F310 Datasheet(PDF) 160 Page - List of Unclassifed Manufacturers

Part # C8051F310
Description  8/16 kB ISP Flash MCU Family
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

C8051F310 Datasheet(HTML) 160 Page - List of Unclassifed Manufacturers

Back Button C8051F310 Datasheet HTML 156Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 157Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 158Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 159Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 160Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 161Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 162Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 163Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 164Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 224 page
background image
C8051F310/1/2/3/4/5/6/7
160
Rev. 1.6
15.1. Enhanced Baud Rate Generation
The UART0 baud rate is generated by Timer 1 in 8-bit auto-reload mode. The TX clock is generated by
TL1; the RX clock is generated by a copy of TL1 (shown as RX Timer in Figure 15.2), which is not user-
accessible. Both TX and RX Timer overflows are divided by two to generate the TX and RX baud rates.
The RX Timer runs when Timer 1 is enabled, and uses the same reload value (TH1). However, an
RX Timer reload is forced when a START condition is detected on the RX pin. This allows a receive to
begin any time a START is detected, independent of the TX Timer state.
Figure 15.2. UART0 Baud Rate Logic
Timer 1 should be configured for Mode 2, 8-bit auto-reload (see Section “17.1.3. Mode 2: 8-bit
Counter/Timer with Auto-Reload” on page 185). The Timer 1 reload value should be set so that over-
flows will occur at two times the desired UART baud rate frequency. Note that Timer 1 may be clocked by
one of six sources: SYSCLK, SYSCLK / 4, SYSCLK / 12, SYSCLK / 48, the external oscillator clock / 8, or
an external input T1. For any given Timer 1 clock source, the UART0 baud rate is determined by
Equation 15.1.
Where T1CLK is the frequency of the clock supplied to Timer 1, and T1H is the high byte of Timer 1 (reload
value). Timer 1 clock frequency is selected as described in Section “17. Timers” on page 183. A quick
reference for typical baud rates and system clock frequencies is given in Table 15.1 through Table 15.6.
Note that the internal oscillator may still generate the system clock when the external oscillator is driving
Timer 1.
RX Timer
Start
Detected
Overflow
Overflow
TH1
TL1
TX Clock
2
RX Clock
2
Timer 1
UART
Equation 15.1. UART0 Baud Rate
UartBaudRate
T1
CLK
256
T1H
–
()
-------------------------------
1
2
---
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com