Electronic Components Datasheet Search
  English  ▼

X  

C8051F310 Datasheet(PDF) 156 Page - List of Unclassifed Manufacturers

Part # C8051F310
Description  8/16 kB ISP Flash MCU Family
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

C8051F310 Datasheet(HTML) 156 Page - List of Unclassifed Manufacturers

Back Button C8051F310 Datasheet HTML 152Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 153Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 154Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 155Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 156Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 157Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 158Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 159Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 160Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 224 page
background image
C8051F310/1/2/3/4/5/6/7
156
Rev. 1.6
14.5.4. Slave Transmitter Mode
Serial data is transmitted on SDA and the clock is received on SCL. When slave events are enabled (INH
= 0), the interface enters Slave Receiver Mode (to receive the slave address) when a START followed by a
slave address and direction bit (READ in this case) is received. Upon entering Slave Transmitter Mode, an
interrupt is generated and the ACKRQ bit is set. Software responds to the received slave address with an
ACK, or ignores the received slave address with a NACK. If the received slave address is ignored, slave
interrupts will be inhibited until a START is detected. If the received slave address is acknowledged, data
should be written to SMB0DAT to be transmitted. The interface enters Slave Transmitter Mode, and trans-
mits one or more bytes of data. After each byte is transmitted, the master sends an acknowledge bit; if the
acknowledge bit is an ACK, SMB0DAT should be written with the next data byte. If the acknowledge bit is
a NACK, SMB0DAT should not be written to before SI is cleared (Note: an error condition may be gener-
ated if SMB0DAT is written following a received NACK while in Slave Transmitter Mode). The interface
exits Slave Transmitter Mode after receiving a STOP. Note that the interface will switch to Slave Receiver
Mode if SMB0DAT is not written following a Slave Transmitter interrupt. Figure 14.8 shows a typical Slave
Transmitter sequence. Two transmitted data bytes are shown, though any number of bytes may be trans-
mitted. Notice that the ‘data byte transferred’ interrupts occur after the ACK cycle in this mode.
Figure 14.8. Typical Slave Transmitter Sequence
P
R
SLA
S
Data Byte
Data Byte
A
N
A
S = START
P = STOP
N = NACK
R = READ
SLA = Slave Address
Received by SMBus
Interface
Transmitted by
SMBus Interface
Interrupt
Interrupt
Interrupt
Interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com