Electronic Components Datasheet Search
  English  ▼

X  

C8051F310 Datasheet(PDF) 205 Page - List of Unclassifed Manufacturers

Part # C8051F310
Description  8/16 kB ISP Flash MCU Family
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

C8051F310 Datasheet(HTML) 205 Page - List of Unclassifed Manufacturers

Back Button C8051F310 Datasheet HTML 201Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 202Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 203Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 204Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 205Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 206Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 207Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 208Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 209Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 224 page
background image
Rev. 1.6
205
C8051F310/1/2/3/4/5/6/7
18.2.4. Frequency Output Mode
Frequency Output Mode produces a programmable-frequency square wave on the module’s associated
CEXn pin. The capture/compare module high byte holds the number of PCA clocks to count before the out-
put is toggled. The frequency of the square wave is then defined by Equation 18.1, where FPCA is the fre-
quency of the clock selected by the CPS2-0 bits in the PCA mode register, PCA0MD.
Note: A value of 0x00 in the PCA0CPHn register is equal to 256 for this equation.
The lower byte of the capture/compare module is compared to the PCA counter low byte; on a match,
CEXn is toggled and the offset held in the high byte is added to the matched value in PCA0CPLn. Fre-
quency Output Mode is enabled by setting the ECOMn, TOGn, and PWMn bits in the PCA0CPMn register.
Figure 18.7. PCA Frequency Output Mode
Equation 18.1. Square Wave Frequency Output
F
CEXn
F
PCA
2
PCA0CPHn
×
-----------------------------------------
=
8-bit
Comparator
PCA0L
Enable
PCA Timebase
match
PCA0CPHn
8-bit Adder
PCA0CPLn
Adder
Enable
CEXn
Crossbar
Port I/O
Toggle
0
1
TOGn
00 0
x
PCA0CPMn
P
W
M
1
6
n
E
C
O
M
n
E
C
C
F
n
T
O
G
n
P
W
M
n
C
A
P
P
n
C
A
P
N
n
M
A
T
n
x
ENB
ENB
0
1
Write to
PCA0CPLn
Write to
PCA0CPHn
Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com