Electronic Components Datasheet Search
  English  ▼

X  

C8051F310 Datasheet(PDF) 206 Page - List of Unclassifed Manufacturers

Part # C8051F310
Description  8/16 kB ISP Flash MCU Family
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

C8051F310 Datasheet(HTML) 206 Page - List of Unclassifed Manufacturers

Back Button C8051F310 Datasheet HTML 202Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 203Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 204Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 205Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 206Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 207Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 208Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 209Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 210Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 224 page
background image
C8051F310/1/2/3/4/5/6/7
206
Rev. 1.6
18.2.5. 8-Bit Pulse Width Modulator Mode
Each module can be used independently to generate a pulse width modulated (PWM) output on its associ-
ated CEXn pin. The frequency of the output is dependent on the timebase for the PCA counter/timer. The
duty cycle of the PWM output signal is varied using the module's PCA0CPLn capture/compare register.
When the value in the low byte of the PCA counter/timer (PCA0L) is equal to the value in PCA0CPLn, the
output on the CEXn pin will be set. When the count value in PCA0L overflows, the CEXn output will be
reset (see Figure 18.8). Also, when the counter/timer low byte (PCA0L) overflows from 0xFF to 0x00,
PCA0CPLn is reloaded automatically with the value stored in the module’s capture/compare high byte
(PCA0CPHn) without software intervention. Setting the ECOMn and PWMn bits in the PCA0CPMn register
enables 8-Bit Pulse Width Modulator mode. The duty cycle for 8-Bit PWM Mode is given by Equation 18.2.
Important Note About Capture/Compare Registers: When writing a 16-bit value to the PCA0 Capture/
Compare registers, the low byte should always be written first. Writing to PCA0CPLn clears the ECOMn bit
to ‘0’; writing to PCA0CPHn sets ECOMn to ‘1’.
Using Equation 18.2, the largest duty cycle is 100% (PCA0CPHn = 0), and the smallest duty cycle is
0.39% (PCA0CPHn = 0xFF). A 0% duty cycle may be generated by clearing the ECOMn bit to ‘0’.
Figure 18.8. PCA 8-Bit PWM Mode Diagram
DutyCycle
256
PCA0CPHn
–
()
256
---------------------------------------------------
=
Equation 18.2. 8-Bit PWM Duty Cycle
8-bit
Comparator
PCA0L
PCA0CPLn
PCA0CPHn
CEXn
Crossbar
Port I/O
Enable
Overflow
PCA Timebase
00 x 0
x
Q
Q
SET
CLR
S
R
match
PCA0CPMn
P
W
M
1
6
n
E
C
O
M
n
E
C
C
F
n
T
O
G
n
P
W
M
n
C
A
P
P
n
C
A
P
N
n
M
A
T
n
0
ENB
ENB
0
1
Write to
PCA0CPLn
Write to
PCA0CPHn
Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com