Electronic Components Datasheet Search
  English  ▼

X  

C8051F310 Datasheet(PDF) 208 Page - List of Unclassifed Manufacturers

Part # C8051F310
Description  8/16 kB ISP Flash MCU Family
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

C8051F310 Datasheet(HTML) 208 Page - List of Unclassifed Manufacturers

Back Button C8051F310 Datasheet HTML 204Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 205Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 206Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 207Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 208Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 209Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 210Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 211Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 212Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 208 / 224 page
background image
C8051F310/1/2/3/4/5/6/7
208
Rev. 1.6
18.3. Watchdog Timer Mode
A programmable watchdog timer (WDT) function is available through the PCA Module 4. The WDT is used
to generate a reset if the time between writes to the WDT update register (PCA0CPH4) exceed a specified
limit. The WDT can be configured and enabled/disabled as needed by software.
With the WDTE bit set in the PCA0MD register, Module 4 operates as a watchdog timer (WDT). The Mod-
ule 4 high byte is compared to the PCA counter high byte; the Module 4 low byte holds the offset to be
used when WDT updates are performed. The Watchdog Timer is enabled on reset. Writes to some
PCA registers are restricted while the Watchdog Timer is enabled.
18.3.1. Watchdog Timer Operation
While the WDT is enabled:
•
PCA counter is forced on.
•
Writes to PCA0L and PCA0H are not allowed.
•
PCA clock source bits (CPS2-CPS0) are frozen.
•
PCA Idle control bit (CIDL) is frozen.
•
Module 4 is forced into software timer mode.
•
Writes to the Module 4 mode register (PCA0CPM4) are disabled.
While the WDT is enabled, writes to the CR bit will not change the PCA counter state; the counter will run
until the WDT is disabled. The PCA counter run control (CR) will read zero if the WDT is enabled but user
software has not enabled the PCA counter. If a match occurs between PCA0CPH4 and PCA0H while the
WDT is enabled, a reset will be generated. To prevent a WDT reset, the WDT may be updated with a write
of any value to PCA0CPH4. Upon a PCA0CPH4 write, PCA0H plus the offset held in PCA0CPL4 is loaded
into PCA0CPH4 (See Figure 18.10).
Figure 18.10. PCA Module 4 with Watchdog Timer Enabled
PCA0H
Enable
PCA0L Overflow
Reset
PCA0CPL4
8-bit Adder
PCA0CPH4
Adder
Enable
PCA0MD
C
I
D
L
W
D
T
E
E
C
F
C
P
S
1
C
P
S
0
W
D
L
C
K
C
P
S
2
Match
Write to
PCA0CPH4
8-bit
Comparator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com