Electronic Components Datasheet Search
  English  ▼

X  

C8051F310 Datasheet(PDF) 212 Page - List of Unclassifed Manufacturers

Part # C8051F310
Description  8/16 kB ISP Flash MCU Family
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

C8051F310 Datasheet(HTML) 212 Page - List of Unclassifed Manufacturers

Back Button C8051F310 Datasheet HTML 208Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 209Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 210Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 211Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 212Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 213Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 214Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 215Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 216Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 212 / 224 page
background image
C8051F310/1/2/3/4/5/6/7
212
Rev. 1.6
SFR Definition 18.2. PCA0MD: PCA Mode
Bit7:
CIDL: PCA Counter/Timer Idle Control.
Specifies PCA behavior when CPU is in Idle Mode.
0: PCA continues to function normally while the system controller is in Idle Mode.
1: PCA operation is suspended while the system controller is in Idle Mode.
Bit6:
WDTE: Watchdog Timer Enable
If this bit is set, PCA Module 4 is used as the watchdog timer.
0: Watchdog Timer disabled.
1: PCA Module 4 enabled as Watchdog Timer.
Bit5:
WDLCK: Watchdog Timer Lock
This bit locks/unlocks the Watchdog Timer Enable. When WDLCK is set, the Watchdog
Timer may not be disabled until the next system reset.
0: Watchdog Timer Enable unlocked.
1: Watchdog Timer Enable locked.
Bit4:
UNUSED. Read = 0b, Write = don't care.
Bits3–1: CPS2–CPS0: PCA Counter/Timer Pulse Select.
These bits select the timebase source for the PCA counter
.
Bit0:
ECF: PCA Counter/Timer Overflow Interrupt Enable.
This bit sets the masking of the PCA Counter/Timer Overflow (CF) interrupt.
0: Disable the CF interrupt.
1: Enable a PCA Counter/Timer Overflow interrupt request when CF (PCA0CN.7) is set.
Note:
When the WDTE bit is set to ‘1’, the PCA0MD register cannot be modified. To change the contents
of the PCA0MD register, the Watchdog Timer must first be disabled.
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
CIDL
WDTE
WDLCK
CPS2
CPS1
CPS0
ECF
01000000
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
SFR Address:
0xD9
CPS2
CPS1
CPS0
Timebase
0
0
0
System clock divided by 12
0
0
1
System clock divided by 4
0
1
0
Timer 0 overflow
01
1
High-to-low transitions on ECI (max rate = system clock
divided by 4)
1
0
0
System clock
1
0
1
External clock divided by 8*
1
1
0
Reserved
1
1
1
Reserved
*Note: External oscillator source divided by 8 is synchronized with the system clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com