Electronic Components Datasheet Search
  English  ▼

X  

C8051F310 Datasheet(PDF) 219 Page - List of Unclassifed Manufacturers

Part # C8051F310
Description  8/16 kB ISP Flash MCU Family
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

C8051F310 Datasheet(HTML) 219 Page - List of Unclassifed Manufacturers

Back Button C8051F310 Datasheet HTML 215Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 216Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 217Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 218Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 219Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 220Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 221Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 222Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 223Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 219 / 224 page
background image
Rev. 1.6
219
C8051F310/1/2/3/4/5/6/7
20. C2 Interface
C8051F31x devices include an on-chip Silicon Labs 2-Wire (C2) debug interface to allow Flash program-
ming and in-system debugging with the production part installed in the end application. The C2 interface
uses a clock signal (C2CK) and a bi-directional C2 data signal (C2D) to transfer information between the
device and a host system. See the C2 Interface Specification for details on the C2 protocol.
20.1. C2 Interface Registers
The following describes the C2 registers necessary to perform Flash programming through the C2 inter-
face. All C2 registers are accessed through the C2 interface as described in the C2 Interface Specification.
C2 Register Definition 20.1. C2ADD: C2 Address
C2 Register Definition 20.2. DEVICEID: C2 Device ID
Bits7–0: The C2ADD register is accessed via the C2 interface to select the target Data register for
C2 Data Read and Data Write commands.
Reset Value
00000000
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Address
Description
0x00
Selects the Device ID register for Data Read instructions
0x01
Selects the Revision ID register for Data Read instructions
0x02
Selects the C2 Flash Programming Control register for Data
Read/Write instructions
0xB4
Selects the C2 Flash Programming Data register for Data
Read/Write instructions
This read-only register returns the 8-bit device ID: 0x08 (C8051F310/1/2/3/4/5/6/7).
Reset Value
00001000
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com