Electronic Components Datasheet Search
  English  ▼

X  

C8051F310 Datasheet(PDF) 220 Page - List of Unclassifed Manufacturers

Part # C8051F310
Description  8/16 kB ISP Flash MCU Family
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

C8051F310 Datasheet(HTML) 220 Page - List of Unclassifed Manufacturers

Back Button C8051F310 Datasheet HTML 216Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 217Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 218Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 219Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 220Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 221Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 222Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 223Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 224Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 220 / 224 page
background image
C8051F310/1/2/3/4/5/6/7
220
Rev. 1.6
C2 Register Definition 20.3. REVID: C2 Revision ID
C2 Register Definition 20.4. FPCTL: C2 Flash Programming Control
C2 Register Definition 20.5. FPDAT: C2 Flash Programming Data
This read-only register returns the 8-bit revision ID.
Reset Value
Variable
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Bits7–0
FPCTL: Flash Programming Control Register.
This register is used to enable Flash programming via the C2 interface. To enable C2 Flash
programming, the following codes must be written in order: 0x02, 0x01. Note that once C2
Flash programming is enabled, a system reset must be issued to resume normal operation.
Reset Value
00000000
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Bits7–0: FPDAT: C2 Flash Programming Data Register.
This register is used to pass Flash commands, addresses, and data during C2 Flash
accesses. Valid commands are listed below.
Reset Value
00000000
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Code
Command
0x06
Flash Block Read
0x07
Flash Block Write
0x08
Flash Page Erase
0x03
Device Erase



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com