Electronic Components Datasheet Search
  English  ▼

X  

C8051F310 Datasheet(PDF) 217 Page - List of Unclassifed Manufacturers

Part # C8051F310
Description  8/16 kB ISP Flash MCU Family
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

C8051F310 Datasheet(HTML) 217 Page - List of Unclassifed Manufacturers

Back Button C8051F310 Datasheet HTML 213Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 214Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 215Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 216Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 217Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 218Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 219Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 220Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 221Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 217 / 224 page
background image
Rev. 1.6
217
C8051F310/1/2/3/4/5/6/7
19. Revision Specific Behavior
This chapter contains behavioral differences between C8051F310/1 “REV A” and “REV B” or later devices.
These differences do not affect the functionality or performance of most systems and are described below.
19.1. Revision Identification
The Lot ID Code on the top side of the device package can be used for decoding device revision informa-
tion. On C8051F310 devices, the revision letter is the second-to-last letter of the Lot ID Code. On
C8051F311 devices, the revision letter is the last letter of the Lot ID Code. Figure 19.1 shows how to find
the Lot ID Code on the top side of the device package.
Figure 19.1. Reading Package Marking
19.2. Reset Behavior
The reset behavior of C8051F310/1 “REV A” devices is different than “REV B” and later devices. The dif-
ferences affect the state of the RST pin during a VDD Monitor reset and GPIO pins during any device reset.
19.2.1. Weak Pullups on GPIO Pins
On “REV A” devices, GPIO pins are tri-stated with weak pullups disabled during the assertion phase of
any reset. The pullups are enabled immediately following reset de-assertion.
On “REV B” and later devices, GPIO pins are tri-stated with weak pullups enabled during and after the
assertion phase of any reset.
19.2.2. VDD Monitor and the RST Pin
On “REV A” devices, a VDD Monitor reset does not affect the state of the RST pin.
On “REV B” and later devices, a VDD Monitor reset will pull the RST pin low for the duration of the brown-
out condition.
C8051F310
T2ABGFAC
^ indicates REV A
0227 EP
CYG
F311
ABGFA
^ indicates REV A
C8051F311 Package Marking
C8051F310 Package Marking



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com