Electronic Components Datasheet Search
  English  ▼

X  

INT5130CS Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # INT5130CS
Description  Integrated Powerline MAC/PHY Transceiver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

INT5130CS Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button INT5130CS Datasheet HTML 10Page - List of Unclassifed Manufacturers INT5130CS Datasheet HTML 11Page - List of Unclassifed Manufacturers INT5130CS Datasheet HTML 12Page - List of Unclassifed Manufacturers INT5130CS Datasheet HTML 13Page - List of Unclassifed Manufacturers INT5130CS Datasheet HTML 14Page - List of Unclassifed Manufacturers INT5130CS Datasheet HTML 15Page - List of Unclassifed Manufacturers INT5130CS Datasheet HTML 16Page - List of Unclassifed Manufacturers INT5130CS Datasheet HTML 17Page - List of Unclassifed Manufacturers INT5130CS Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
INTELLON CONFIDENTIAL
14
ADVANCE INFORMATION
Rev 8.1
INT5130 Integrated Powerline MAC/PHY Transceiver Technical Data Sheet
MII Signal Descriptions
The following description references Clause 22, Media Independent Interface specification, used in the
100 Mbps half-duplex mode. The MII is used as a data channel that transfers data back and forth with
flow controlled by the carrier sense signal (MII_CRS).
MII_TXCLK and MII_RXCLK
The INT5130 generates a stable, continuous 25 MHz square wave that is supplied on MII_TXCLK
and MII_RXCLK. These clocks provide the timing reference for the transfer of the MII_TXEN and
MII_TX signals, as well as MII_RX, MII_RX_ER, and MII_RXDV.
MII_RX_ER
MII_RX_ER is activated when the INT5130 detects an error in the receive stream as a result of
decoding.
MII_TX_ER
MII_TX_ER is activated by the external host controller when an error condition is detected during
packet transmission. The INT5130 will ignore any MII transmission within which MII_TX_ER is
asserted. MII_TX_ER is ignored if MII_TXEN is not asserted.
MII_TXEN
MII_TXEN from the external host provides the framing for the Ethernet packet. An active
MII_TXEN indicates to the INT5130 that data on MII_TX[3:0] should be sampled using MII_TXCLK.
MII_TX[3:0]
MII_TX[3:0] contains the data to be transmitted and transitions synchronously with respect to
MII_TXCLK. MII_TX[0] is the least significant bit. It is generally assumed that the data will contain
a properly formatted Ethernet frame. That is, the first bits on MII_TX[3:0] correspond to the
preamble, followed by SFD and the rest of the Ethernet frame (DA, SA, length/type, data, CRC).
MII_RXDV
MII_RXDV is asserted by the INT5130 to indicate that the INT5130 has decoded receive data to
present to the external host.
MII_RX[3:0]
MII_RX[3:0] contains the data recovered from the medium by the INT5130 and transitions
synchronously with respect to MII_RXCLK. MII_RX[0] is the least-significant bit. The INT5130
formats the frame such that the external MAC will be presented with expected preamble plus SFD.
MII_CRS
MII_CRS is used to tell the external host when the INT5130 is available for sending a packet.
MII_CRS is asynchronous to MII_TXCLK. When a packet is being transmitted, CRS is held high.
CRS will go low whenever the INT5130 is ready to accept another packet.
On transmit, the INT5130 asserts MII_CRS some time after MII_TXEN becomes active, and drops
MII_CRS after MII_TXEN goes inactive AND when the INT5130 is ready to receive another packet
from the external host for transmission. When MII_CRS has been negated for at least 900ns, the
external MAC may assert MII_TXEN again if there is another packet to send. This differs from
nominal behavior of MII_CRS in that MII_CRS can extend past the end of the packet by an



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com