Electronic Components Datasheet Search
  English  ▼

X  

INT5130CS Datasheet(PDF) 26 Page - List of Unclassifed Manufacturers

Part # INT5130CS
Description  Integrated Powerline MAC/PHY Transceiver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

INT5130CS Datasheet(HTML) 26 Page - List of Unclassifed Manufacturers

Back Button INT5130CS Datasheet HTML 22Page - List of Unclassifed Manufacturers INT5130CS Datasheet HTML 23Page - List of Unclassifed Manufacturers INT5130CS Datasheet HTML 24Page - List of Unclassifed Manufacturers INT5130CS Datasheet HTML 25Page - List of Unclassifed Manufacturers INT5130CS Datasheet HTML 26Page - List of Unclassifed Manufacturers INT5130CS Datasheet HTML 27Page - List of Unclassifed Manufacturers INT5130CS Datasheet HTML 28Page - List of Unclassifed Manufacturers INT5130CS Datasheet HTML 29Page - List of Unclassifed Manufacturers INT5130CS Datasheet HTML 30Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 38 page
background image
INTELLON CONFIDENTIAL
26
ADVANCE INFORMATION
Rev 8.1
INT5130 Integrated Powerline MAC/PHY Transceiver Technical Data Sheet
AFE Interface
The INT5130 provides a simple parallel interface to the analog front end (AFE). The analog data is clocked into
or out of the INT5130 on a 10-bit bi-directional parallel data bus under control of transmit or receive enable
signals and sample clock references provided to the AFE from the INT5130. The INT5130 also provides a
parallel byte-wide automatic gain control interface.
INT5130
INT1000
ADC / DAC IC
ADIO[9:0]
AGC[7:0]
TX_EN
RX_EN
ADC_CLK
DAC_CLK
ADC_CAL
ADC_CAL
Pull-up
or
Pull-down
AGC
Circuitry
Figure 19: AFE Interface to INT5130
ADC/DAC Interface
The INT5130 outputs a sequential stream of digital time samples of the OFDM waveforms for transmission.
The digital transmit signal is passed on to the INT1000 Integrated Converter. The INT1000 consists of a
10-bit ADC and 10-bit DAC on a multiplexed 10-bit bi-directional data bus. The ADC digitizes the analog
OFDM receive signal for input to the INT5130. The DAC converts digital samples into analog waveforms.
ADC/DAC Timing Diagrams
DAC_CLK
ADIO[9:0]
TX_EN
ADC_CLK
RX_EN
TX DATA
TX DATA
TX DATA
RX DATA
RX DATA
RX DATA
Figure 20: AFE TX and RX activity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com