Electronic Components Datasheet Search
  English  ▼

X  

INT5130CS Datasheet(PDF) 25 Page - List of Unclassifed Manufacturers

Part # INT5130CS
Description  Integrated Powerline MAC/PHY Transceiver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

INT5130CS Datasheet(HTML) 25 Page - List of Unclassifed Manufacturers

Back Button INT5130CS Datasheet HTML 21Page - List of Unclassifed Manufacturers INT5130CS Datasheet HTML 22Page - List of Unclassifed Manufacturers INT5130CS Datasheet HTML 23Page - List of Unclassifed Manufacturers INT5130CS Datasheet HTML 24Page - List of Unclassifed Manufacturers INT5130CS Datasheet HTML 25Page - List of Unclassifed Manufacturers INT5130CS Datasheet HTML 26Page - List of Unclassifed Manufacturers INT5130CS Datasheet HTML 27Page - List of Unclassifed Manufacturers INT5130CS Datasheet HTML 28Page - List of Unclassifed Manufacturers INT5130CS Datasheet HTML 29Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 38 page
background image
INTELLON CONFIDENTIAL
25
ADVANCE INFORMATION
Rev 8.1
INT5130 Integrated Powerline MAC/PHY Transceiver Technical Data Sheet
SPI SlaveTiming Diagram
t
SPIS_HIGH
SPIS_SCLK
SPIS_SDO
SPIS_SDI
SPIS_CS_N
MSB IN
t
SPIS_LOW
BITS 6-1
LSB IN
MSB OUT
BITS 6-1
LSB OUT
t
SPIS_SU
t
SPIS_H
t
SPIS_CSLEAD
t
SPIS_CSLAG
t
SPIS_SDOVD
Figure 18: SPI Slave Signal Timing
SPI Slave DC Characteristics
Parameter
Symbol
Parameter Name
Test Condition
Min
Max
Unit
tSPIS_F
SPIS_SCLK Frequency
2.1
MHz
tSPIS_HIGH
SPIS_SCLK High Time
@ 1.5 V
400
ns
tSPIS_LOW
SPIS_SCLK Low Time
@ 1.5 V
400
ns
tSPIS_SDOVD
SPIS_SDO Valid Output Delay from SPIS_SCLK
@ 1.5 V
0
500
ns
tSPIS_CSLEAD
SPIS_CS Lead to SPIS_SCLK
@ 1.5 V
500
ns
tSPIS_CSLAG
SPIS_CS Lag from SPIS_SCLK
@ 1.5 V
1500
ns
tSPIS_SU
SPIS_SDI Setup Time to SPIS_SCLK
@ 1.5 V
200
ns
tSPIS_H
SPIS_SDI Hold Time to SPIS_SCLK
@ 1.5 V
200
ns
Table 8: SPI Slave DC Characteristics
Clocks
The INT5130 runs from a single 100MHz oscillator input and generates a 50MHz clock to feed the ADC, a
50MHz clock to feed the DAC, the 25MHz MII clock, and the 10MHz GPSI clock. The 100MHz clock input
directly feeds the clock distribution network that clocks up to 60% of the digital logic. Note: Both CLKIN and
CLKOUT connect directly to the 2.5 V core of the IC and do not connect to the 3.3 V I/O ring. Therefore these
pins are not 3.3V or 5V tolerant.
The oscillator must have
±25 PPM RMS maximum tolerance including initial accuracy, temperature/voltage
range and 5 years of aging. This oscillator must have a symmetry no worse than 40/60, jitter of 75 ps and 4 ns
rise and fall time. The oscillator must be rated over the desired temperature range and
±10% voltage range.
The INT5130 uses a crystal input cell to receive the clock input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com