Electronic Components Datasheet Search
  English  ▼

X  

AD5570ARS Datasheet(PDF) 6 Page - Analog Devices

Part # AD5570ARS
Description  True Accuracy, 16-Bit 12 V/15 V, Serial Input Voltage Output DAC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5570ARS Datasheet(HTML) 6 Page - Analog Devices

Back Button AD5570ARS Datasheet HTML 2Page - Analog Devices AD5570ARS Datasheet HTML 3Page - Analog Devices AD5570ARS Datasheet HTML 4Page - Analog Devices AD5570ARS Datasheet HTML 5Page - Analog Devices AD5570ARS Datasheet HTML 6Page - Analog Devices AD5570ARS Datasheet HTML 7Page - Analog Devices AD5570ARS Datasheet HTML 8Page - Analog Devices AD5570ARS Datasheet HTML 9Page - Analog Devices AD5570ARS Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
AD5570
Rev. 0 | Page 6 of 24
DAISY-CHAINING AND READBACK TIMING CHARACTERISTICS
VDD = +12 V ± 5%, VSS = −12 V ± 5% or VDD = +15 V ± 10%, VSS = −15 V ± 10%; VREF = 5 V; REFGND = GND = 0 V; RL = 5 kΩ,
and CL = 200 pF to GND; all specifications TMIN to TMAX, unless otherwise noted.
Table 3.
Parameter
Limit at TMIN, TMAX
Unit
Description
fMAX
2
MHz max
SCLK frequency
t1
500
ns min
SCLK cycle time
t2
200
ns min
SCLK high time
t3
200
ns min
SCLK low time
t4
10
ns min
SYNC to SCLK falling edge setup time
t5
35
ns min
Data setup time
t6
0
ns min
Data hold time
t7
45
ns min
SCLK falling edge to SYNC rising edge
t8
45
ns min
Minimum SYNC high time
t9
0
ns min
SYNC rising edge to LDAC falling edge
t10
50
ns min
LDAC pulse width
t141
200
ns max
Data delay on SDO
All parameters guaranteed by design and characterization. Not production tested.
All input signals are measured with tr = tf = 5 ns (10% to 90% of VDD) and timed from a voltage level of (VIL +VIH)/2.
SDO; RPULLUP = 5 kΩ, CL = 15 pF.
1 With CL = 0 pF, t15 = 100 ns.
SCLK
SYNC
SDIN
DB15 (N)
DB15 (N)
DB0 (N)
DB0 (N)
DB15
(N+1)
DB15
(N+1)
DB0
(N+1)
LDAC1
SDO
LDAC2
NOTES
1. ASYNCHRONOUS LDAC UPDATE MODE
2. SYNCHRONOUS LDAC UPDATE MODE
t1
t8
t10
t2
t3
t4
t6
t5
t9
t7
t14
Figure 3. Daisy-Chaining Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com