Electronic Components Datasheet Search
  English  ▼

X  

AD5570ARS Datasheet(PDF) 14 Page - Analog Devices

Part # AD5570ARS
Description  True Accuracy, 16-Bit 12 V/15 V, Serial Input Voltage Output DAC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5570ARS Datasheet(HTML) 14 Page - Analog Devices

Back Button AD5570ARS Datasheet HTML 10Page - Analog Devices AD5570ARS Datasheet HTML 11Page - Analog Devices AD5570ARS Datasheet HTML 12Page - Analog Devices AD5570ARS Datasheet HTML 13Page - Analog Devices AD5570ARS Datasheet HTML 14Page - Analog Devices AD5570ARS Datasheet HTML 15Page - Analog Devices AD5570ARS Datasheet HTML 16Page - Analog Devices AD5570ARS Datasheet HTML 17Page - Analog Devices AD5570ARS Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
AD5570
Rev. 0 | Page 14 of 24
TEMPERATURE (°C)
–40
–10
–9
–8
–7
–6
–5
–4
0
–1
–3
–2
100
80
60
40
20
0
–20
120
VDD/VSS = ±12V
VDD/VSS = ±15V
REFIN = 5V
Figure 24. Bipolar Zero Error vs. Temperature
TEMPERATURE (°C)
–40
–10
–8
–6
–4
–2
0
2
10
0
4
6
100
80
60
40
20
0
–20
120
VDD/VSS = ±12V
VDD/VSS = ±15V
REFIN = 5V
Figure 25. Gain Error vs. Temperature
VLOGIC (V)
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
3.75
3.80
3.85
3.90
3.95
4.00
4.05
4.10
4.15
5.0
TA = 25°C
REFIN = 5V
15V SUPPLIES
DECREASING
INCREASING
12V SUPPLIES
INCREASING
DECREASING
Figure 26. Supply Current vs. Logic Input Current for SCLK, SYNC, SDIN,
and LDAC Increasing and Decreasing
–10.0
–4.0
–6.0
–8.0
4.0
2.0
0
–2.0
11.0
10.0
8.0
6.0
1
µs/DIV
VDD = +15V
VSS = –15V
REFIN = 5V
TA = 25°C
Figure 27. Settling Time
CAPACITANCE (nF)
01
2
3
4
5
6
7
8
9
0
5
10
15
20
25
30
35
40
9.4
TA = 25°C
REFIN = 5V
VDD/VSS = ±12V
VDD/VSS = ±15V
Figure 28.14-Bit Settling Time vs. Load Capacitance
SINK CURRENT (mA)
SOURCE CURRENT (mA)
–10
–8
–6
–4
–2
024
68
9.9952
9.9955
9.9958
9.9961
9.9964
9.9967
9.9970
9.9973
9.9976
9.9979
9.9982
9.9985
9.9988
9.9991
9.9994
9.9997
10.0000
10
15V SUPPLIES
12V SUPPLIES
TA = 25°C
REFIN = 5V
Figure 29. Source and Sink Capability of Output Amplifier
with Full Scale Loaded



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com