Electronic Components Datasheet Search
  English  ▼

X  

AD5570ARS Datasheet(PDF) 15 Page - Analog Devices

Part # AD5570ARS
Description  True Accuracy, 16-Bit 12 V/15 V, Serial Input Voltage Output DAC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5570ARS Datasheet(HTML) 15 Page - Analog Devices

Back Button AD5570ARS Datasheet HTML 11Page - Analog Devices AD5570ARS Datasheet HTML 12Page - Analog Devices AD5570ARS Datasheet HTML 13Page - Analog Devices AD5570ARS Datasheet HTML 14Page - Analog Devices AD5570ARS Datasheet HTML 15Page - Analog Devices AD5570ARS Datasheet HTML 16Page - Analog Devices AD5570ARS Datasheet HTML 17Page - Analog Devices AD5570ARS Datasheet HTML 18Page - Analog Devices AD5570ARS Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
AD5570
Rev. 0 | Page 15 of 24
–10
–8
–6
–4
–2
024
68
–10.0000
–9.9997
–9.9994
–9.9991
–9.9988
–9.9985
–9.9982
–9.9979
–9.9976
–9.9973
10
12V SUPPLIES
15V SUPPLIES
SINK CURRENT (mA)
SOURCE CURRENT (mA)
TA = 25°C
REFIN = 5V
Figure 30. Source and Sink Capability of Output Amplifier
with Zero Scale Loaded
1
µs/DIV
–0.10
–0.09
–0.08
–0.07
–0.06
–0.05
VDD = +15V
VSS = –15V
REFIN = 5V
TA = 25°C
7 FFF
→ 8000H
Figure 31. Major Code Transition Glitch Energy, ±15 V Supplies
1
µs (DIV)
–0.072
–0.067
–0.062
–0.057
–0.052
–0.047
–0.042
–0.037
–0.032
–0.027
–0.022
VDD = +12V
VSS = –12V
REFIN = 5V
TA = 25°C
8000
→ 7FFFH
Figure 32. Major Code Transition Glitch Energy, ±12 V Supplies
CH1 20
µV/DIV
20
µs/PT
M 1.0
Ωms 500kS/s
A CH1
0.0V
VDD = +15V
VSS = –15V
MIDSCALE LOADED
20
µV/DIV
VREFIN = 0V
Figure 33. Peak-to-Peak Noise (100 kHz Bandwidth)
VDD = +15V
VSS = –15V
REFIN = 5V
TA = 25°C
RAMP TIME = 100
µs
VDD/VSS = 10V/DIV
VOUT = 10mV/DIV
100
µs/DIV
VOUT
VSS
VDD
Figure 34. VOUT vs. VDD/VSS on Power-Up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com