Electronic Components Datasheet Search
  English  ▼

X  

AD5570ARS Datasheet(PDF) 11 Page - Analog Devices

Part # AD5570ARS
Description  True Accuracy, 16-Bit 12 V/15 V, Serial Input Voltage Output DAC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5570ARS Datasheet(HTML) 11 Page - Analog Devices

Back Button AD5570ARS Datasheet HTML 7Page - Analog Devices AD5570ARS Datasheet HTML 8Page - Analog Devices AD5570ARS Datasheet HTML 9Page - Analog Devices AD5570ARS Datasheet HTML 10Page - Analog Devices AD5570ARS Datasheet HTML 11Page - Analog Devices AD5570ARS Datasheet HTML 12Page - Analog Devices AD5570ARS Datasheet HTML 13Page - Analog Devices AD5570ARS Datasheet HTML 14Page - Analog Devices AD5570ARS Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
AD5570
Rev. 0 | Page 11 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
CODE
0
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
1.0
0.6
0.4
0.8
50k
40k
30k
20k
10k
60k
TA = 25°C
VDD/VSS = ±15V
REFIN = 5V
Figure 6. Integral Nonlinearity vs. Code, VDD/VSS = ±15 V
CODE
0
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
1.0
0.6
0.4
0.8
50k
40k
30k
20k
10k
60k
TA = 25°C
VDD/VSS = ±15V
REFIN = 5V
Figure 7. Differential Nonlinearity vs. Code, VDD/VSS = ±15 V
CODE
0
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
1.0
0.6
0.4
0.8
50k
40k
30k
20k
10k
60k
TA = 25°C
VDD/VSS = ±12V
REFIN = 5V
Figure 8. Integral Nonlinearity vs. Code, VDD/VSS = ±12 V
CODE
0
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
1.0
0.6
0.4
0.8
50k
40k
30k
20k
10k
60k
TA = 25°C
VDD/VSS = ±12V
REFIN = 5V
Figure 9. Differential Nonlinearity vs. Code, VDD/VSS = ±12 V
TEMPERATURE (°C)
–40
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
1.0
0.8
0.4
0.6
100
80
60
40
20
0
–20
120
VDD/VSS = ±15V
REFIN = 5V
Figure 10. Integral Nonlinearity vs. Temperature, ±15 V Supplies
TEMPERATURE (°C)
–40
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
1.0
0.8
0.4
0.6
100
80
60
40
20
0
–20
120
VDD/VSS = ±15V
REFIN = 5V
Figure 11. Differential Nonlinearity vs. Temperature, ±15 V Supplies



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com