Electronic Components Datasheet Search
  English  ▼

X  

AD5570ARS Datasheet(PDF) 24 Page - Analog Devices

Part # AD5570ARS
Description  True Accuracy, 16-Bit 12 V/15 V, Serial Input Voltage Output DAC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5570ARS Datasheet(HTML) 24 Page - Analog Devices

Back Button AD5570ARS Datasheet HTML 16Page - Analog Devices AD5570ARS Datasheet HTML 17Page - Analog Devices AD5570ARS Datasheet HTML 18Page - Analog Devices AD5570ARS Datasheet HTML 19Page - Analog Devices AD5570ARS Datasheet HTML 20Page - Analog Devices AD5570ARS Datasheet HTML 21Page - Analog Devices AD5570ARS Datasheet HTML 22Page - Analog Devices AD5570ARS Datasheet HTML 23Page - Analog Devices AD5570ARS Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
AD5570
Rev. 0 | Page 24 of 24
OUTLINE DIMENSIONS
16
9
8
1
6.50
6.20
5.90
8.20
7.80
7.40
SEATING
PLANE
0.05 MIN
0.65
BSC
2.00 MAX
0.25
0.09
0.95
0.75
0.55
0.38
0.22
5.60
5.30
5.00
COPLANARITY
0.10
8°
4°
0°
1.85
1.75
1.65
COMPLIANT TO JEDEC STANDARDS MO-150AC
Figure 46. 16-Lead Shrink Small Outline Package [SSOP]
(RS-16)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
AD5570ARS
−40 °C to +85 °C
16-Lead SSOP
RS-16
AD5570ARS-REEL
−40 °C to +85 °C
16-Lead SSOP
RS-16
AD5570ARS-REEL7
−40 °C to +85 °C
16-Lead SSOP
RS-16
AD5570BRS
−40 °C to +85 °C
16-Lead SSOP
RS-16
AD5570BRS-REEL
−40 °C to +85 °C
16-Lead SSOP
RS-16
AD5570BRS-REEL7
−40 °C to +85 °C
16-Lead SSOP
RS-16
AD5570WRS
−40 °C to +125 °C
16-Lead SSOP
RS-16
AD5570WRS-REEL
−40 °C to +125 °C
16-Lead SSOP
RS-16
AD5570WRS-REEL7
−40 °C to +125 °C
16-Lead SSOP
RS-16
AD5570YRS
−40 °C to +125 °C
16-Lead SSOP
RS-16
AD5570YRS-REEL
−40 °C to +125 °C
16-Lead SSOP
RS-16
AD5570YRS-REEL7
−40 °C to +125 °C
16-Lead SSOP
RS-16
Eval-AD5570EB
Evaluation Board
© 2003 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
C03760–0–11/03(0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com