Electronic Components Datasheet Search
  English  ▼

X  

AD5570ARS Datasheet(PDF) 12 Page - Analog Devices

Part # AD5570ARS
Description  True Accuracy, 16-Bit 12 V/15 V, Serial Input Voltage Output DAC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5570ARS Datasheet(HTML) 12 Page - Analog Devices

Back Button AD5570ARS Datasheet HTML 8Page - Analog Devices AD5570ARS Datasheet HTML 9Page - Analog Devices AD5570ARS Datasheet HTML 10Page - Analog Devices AD5570ARS Datasheet HTML 11Page - Analog Devices AD5570ARS Datasheet HTML 12Page - Analog Devices AD5570ARS Datasheet HTML 13Page - Analog Devices AD5570ARS Datasheet HTML 14Page - Analog Devices AD5570ARS Datasheet HTML 15Page - Analog Devices AD5570ARS Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
AD5570
Rev. 0 | Page 12 of 24
TEMPERATURE (°C)
–40
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
1.0
0.8
0.4
0.6
100
80
60
40
20
0
–20
120
VDD/VSS = ±12V
REFIN = 5V
Figure 12. Integral Nonlinearity vs. Temperature, ±12 V Supplies
TEMPERATURE (°C)
–40
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
1.0
0.8
0.4
0.6
100
80
60
40
20
0
–20
120
VDD/VSS = ±12V
REFIN = 5V
Figure 13. Differential Nonlinearity vs. Temperature, ±12 V Supplies
SUPPLY VOLTAGE (V)
11.4
15.0
14.0
13.0
12.0
16.0 16.5
–1.0
–0.6
–0.4
–0.2
–0.8
0.2
0.4
0
1.0
0.6
0.8
TA = 25°C
REFIN = 5V
Figure 14. Integral Nonlinearity vs. Supply Voltage
SUPPLY VOLTAGE (V)
11.4
15.0
14.0
13.0
12.0
16.0 16.5
–1.0
–0.6
–0.4
–0.2
–0.8
0.2
0.4
0
1.0
0.6
0.8
TA = 25°C
REFIN = 5V
Figure 15. Differential Nonlinearity vs. Supply Voltage
REFERENCE VOLTAGE (V)
2.0
–1.0
–0.5
0
0.5
1.0
2.0
1.5
4.5
4.0
3.5
3.0
2.5
5.0
5.5
VDD/VSS = ±12V
TA = 25°C
Figure 16. Integral Nonlinearity Error vs. Reference Voltage, ±12 V Supplies
REFERENCE VOLTAGE (V)
2.0
–0.5
–0.3
–0.2
–0.1
–0.4
0
0.1
0.2
0.3
0.5
0.4
4.5
4.0
3.5
3.0
2.5
5.0
5.5
VDD/VSS = ±12V
TA = 25°C
Figure 17. Differential Nonlinearity Error vs. Reference Voltage,
±12 V Supplies



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com