Electronic Components Datasheet Search
  English  ▼

X  

AD5570ARS Datasheet(PDF) 17 Page - Analog Devices

Part # AD5570ARS
Description  True Accuracy, 16-Bit 12 V/15 V, Serial Input Voltage Output DAC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5570ARS Datasheet(HTML) 17 Page - Analog Devices

Back Button AD5570ARS Datasheet HTML 13Page - Analog Devices AD5570ARS Datasheet HTML 14Page - Analog Devices AD5570ARS Datasheet HTML 15Page - Analog Devices AD5570ARS Datasheet HTML 16Page - Analog Devices AD5570ARS Datasheet HTML 17Page - Analog Devices AD5570ARS Datasheet HTML 18Page - Analog Devices AD5570ARS Datasheet HTML 19Page - Analog Devices AD5570ARS Datasheet HTML 20Page - Analog Devices AD5570ARS Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
AD5570
Rev. 0 | Page 17 of 24
Asynchronous LDAC: In this mode, LDAC is high while data is
being clocked in. The DAC output is updated by taking LDAC
low any time after SYNC has been taken high. The update now
occurs on the falling edge of LDAC.
Figure 36 shows a simplified block diagram of the input loading
circuitry.
VOUT
DAC
REGISTER
INPUT SHIFT
REGISTER
OUTPUT
I/V AMPLIFIER
LDAC
SDO
SDIN
16-BIT
DAC
VREFIN
SYNC
Figure 36. Simplified Serial Interface Showing Input Loading Circuitry
TRANSFER FUNCTION
Table 6 shows the ideal input code to output voltage relationship
for the AD5570.
Table 6. Binary Code Table
Digital Input
Analog Output
MSB
LSB
VOUT
1111
1111
1111
1111
+2 VREF × (32,767/32,768)
1000
0000
0000
0001
+2 VREF × (1/32,768)
1000
0000
0000
0000
0 V
0111
1111
1111
1111
−2 VREF × (1/32,768)
0000
0000
0000
0000
−2 VREF
The output voltage expression is given by
]
65536
/
[
4
2
D
V
V
V
REFIN
REFIN
OUT
×
+
−
=
where:
D is the decimal equivalent of the code loaded to the DAC.
VREFIN is the reference voltage available at the REFIN pin.
CLEAR (CLR)
CLR is an active low digital input that allows the output to be
cleared to 0 V. When the CLR signal is brought back high, the
output stays at 0 V until LDAC is brought low. The relationship
between LDAC and CLR is explained further in Table 7.
Table 7. Relationships among PD, CLR, and LDAC
PD
CLR
LDAC
Comments
0
x
x
PD has priority over LDAC and CLR. The
output remains at 0 V through an internal
20 kΩ resistor. It is still possible to address
both the input register and DAC register
when the AD5570 is in power-down.
1
0
0
Data is written to the input register and
DAC register. CLR has higher priority over
LDAC; therefore, the output is at 0 V.
1
0
1
Data is written to the input register only.
The output is at 0 V and remains at 0 V,
when CLR is taken back high.
1
1
0
Data is written to the input register and
the DAC register. The output is driven to
the DAC level.
1
1
1
Data is written to the input register only.
The output of the DAC register is
unchanged.
POWER-DOWN (PD)
The power-down pin allows the user to place the AD5570 into a
power-down mode. When in this mode, power consumption is
at a minimum; the device consumes only 16 µA typically.
POWER-ON RESET
The AD5570 contains a power-on reset circuit that controls the
output during power-up and power-down. This is useful in
applications where the known state of the output of the DAC
during power-up is important. On power-up and power-down,
the output of the DAC, VOUT, is held at AGND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com