Electronic Components Datasheet Search
  English  ▼

X  

VSP10T21 Datasheet(PDF) 4 Page - Texas Instruments

Part # VSP10T21
Description  3-V, 10-BIT, 21-MSPS, ENHANCED TIMING CONTROL CCD ANALOG FRONT END
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

VSP10T21 Datasheet(HTML) 4 Page - Texas Instruments

  VSP10T21 Datasheet HTML 1Page - Texas Instruments VSP10T21 Datasheet HTML 2Page - Texas Instruments VSP10T21 Datasheet HTML 3Page - Texas Instruments VSP10T21 Datasheet HTML 4Page - Texas Instruments VSP10T21 Datasheet HTML 5Page - Texas Instruments VSP10T21 Datasheet HTML 6Page - Texas Instruments VSP10T21 Datasheet HTML 7Page - Texas Instruments VSP10T21 Datasheet HTML 8Page - Texas Instruments VSP10T21 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
VSP10T21
3-V, 10-BIT, 21-MSPS, ENHANCED TIMING CONTROL
CCD ANALOG FRONT END
SLES027 – MARCH 2002
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
ADCCLK
22
O
ADCCLK clock output, for probe only
AVDD
24, 27, 33,
40
Analog supply voltage, +3 V
AVSS
25, 26, 35,
41
Analog ground
BLKG
19
I
Control input. The CDS operation is disabled when BLKG is pulled low.
CLAMP
23
I
CCD signal clamp control input
CLREF
28
O
Clamp reference voltage output
CS
46
I
Chip select. A logic low on this input enables the VSP10T21 device.
DACO1
34
O
Digital-to-analog converter output 1
DACO2
36
O
Digital-to-analog converter output 2
DIN–
29
I
Differential input signal from CCD
DIN+
30
I
Differential Input signal from CCD
DIVDD
13
Digital interface circuit supply voltage, 1.8 V to 3.6 V
DIVSS
14
Digital interface circuit ground
DVDD
17
Digital supply voltage, +3 V
DVSS
15
Digital ground
D0–D9
3–12
O
10-bit 3-state ADC output data or offset DACs test data
MCLK
16
I
System clock input
NC
1, 2, 18
Not connected
OBCLP
20
I
Optical black level and offset calibration control input, active low
OE
42
I
Output data enable, active low
PIN
31
I
Video input signal
RBD
37
O
Internal bandgap reference for external decoupling
RESET
43
I
Hardware reset input, active low. This signal forces a reset of all internal registers.
RMD
39
O
Ref– output for external decoupling
RPD
38
O
Ref+ output for external decoupling
SCKP
45
I
This terminal selects the polarity of SCLK.
0 = Active low (high when SCLK is not running)
1 = Active high (low when SCLK is not running)
SCLK
48
I
Serial clock input. This clock synchronizes the serial data transfer.
SDIN
47
I
Serial data input to configure the internal registers.
SR
21
O
CCD reference level sample clock output, for probe only
STBY
44
I
Hardware power-down control input, active low
VSS
32
Analog ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com