Electronic Components Datasheet Search
  English  ▼

X  

VSP10T21 Datasheet(PDF) 17 Page - Texas Instruments

Part # VSP10T21
Description  3-V, 10-BIT, 21-MSPS, ENHANCED TIMING CONTROL CCD ANALOG FRONT END
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

VSP10T21 Datasheet(HTML) 17 Page - Texas Instruments

Back Button VSP10T21 Datasheet HTML 13Page - Texas Instruments VSP10T21 Datasheet HTML 14Page - Texas Instruments VSP10T21 Datasheet HTML 15Page - Texas Instruments VSP10T21 Datasheet HTML 16Page - Texas Instruments VSP10T21 Datasheet HTML 17Page - Texas Instruments VSP10T21 Datasheet HTML 18Page - Texas Instruments VSP10T21 Datasheet HTML 19Page - Texas Instruments VSP10T21 Datasheet HTML 20Page - Texas Instruments VSP10T21 Datasheet HTML 21Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
VSP10T21
3-V, 10-BIT, 21-MSPS, ENHANCED TIMING CONTROL
CCD ANALOG FRONT END
SLES027 – MARCH 2002
17
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
SOFTWARE/HARDWARE
GLOBAL STANDBY
PDD1/PDD2
DACD
STATUS OF
DAC1/DAC2
Active
0
x
Active
Active
1
x
Standby
Standby
0
0
Standby
Standby
0
1
Active
Standby
1
x
Standby
NOTE: The hardware global standby is set by pulling down terminal 44 (STBY) of the
VSP10T21 device. The software global standby is controlled by setting bit D9
(STBY) in the control register to 1.
3-wire serial interface
A simple 3-wire (terminals 48 (SCLK), 47 (SDIN), and 46 (CS)) serial interface is provided to allow writing to
the internal registers of the VSP10T21 device. The serial clock SCLK can be run at a maximum speed of
40 MHz. The serial data SDIN is 16 bits long. After two leading null bits, there are four address bits for which
internal register is to be updated, the following 10 bits are the data to be written to the register. To enable the
serial port, CS must be held low. The data transfer is initiated by the incoming SCLK after CS falls. Figure 3
shows the detailed timing for the serial interface.
The SCLK polarity is selectable by pulling terminal 45 (SCKP) either high or low.
device reset
The device is not under the default configuration when powered on. The registers are set to the default value
by a reset. When terminal 43 (RESET) is pulled low, all internal registers are set to their default values. In
addition, the VSP10T21 device has a software-reset function that resets the device when writing to a control
bit in the control register.
See REGISTER DEFINITION for the register default values.
power-down mode (standby)
The VSP10T21 device implements both hardware and software power-down modes. Pulling terminal 44
(STBY) low puts the device in the low-power standby mode. The total power drops to about 1.5 mW. Setting
bit D9 (STBY) in the control register can also activate the power-down mode. Users can still program all internal
registers during the power-down mode.
power supply
The VSP10T21 device has several power supply terminals. Each major internal analog block has a dedicated
AVDD supply terminal. All internal digital circuitry is powered by the DVDD. Both AVDD and DVDD are 3 V nominal.
The DIVDD and DIVSS terminals supply power to the output digital driver (D9–D0). The DIVDD is independent
of the DVDD and can be operated from 1.8 V to 3.6 V. This allows the outputs to interface with digital ASICs
requiring different supply voltages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com