Electronic Components Datasheet Search
  English  ▼

X  

VSP10T21 Datasheet(PDF) 18 Page - Texas Instruments

Part # VSP10T21
Description  3-V, 10-BIT, 21-MSPS, ENHANCED TIMING CONTROL CCD ANALOG FRONT END
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

VSP10T21 Datasheet(HTML) 18 Page - Texas Instruments

Back Button VSP10T21 Datasheet HTML 13Page - Texas Instruments VSP10T21 Datasheet HTML 14Page - Texas Instruments VSP10T21 Datasheet HTML 15Page - Texas Instruments VSP10T21 Datasheet HTML 16Page - Texas Instruments VSP10T21 Datasheet HTML 17Page - Texas Instruments VSP10T21 Datasheet HTML 18Page - Texas Instruments VSP10T21 Datasheet HTML 19Page - Texas Instruments VSP10T21 Datasheet HTML 20Page - Texas Instruments VSP10T21 Datasheet HTML 21Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
VSP10T21
3-V, 10-BIT, 21-MSPS, ENHANCED TIMING CONTROL
CCD ANALOG FRONT END
SLES027 – MARCH 2002
18
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
grounding and decoupling
General practices must apply to the printed-circuit board (PCB) design to limit high frequency transients and
noise that are fed back into the supply and reference lines. This requires that the supply and reference terminals
be sufficiently bypassed. In the case of power supply decoupling, 0.1-
µF ceramic chip capacitors are adequate
to keep the impedance low over a wide frequency range. Recommended external decoupling for the three
voltage reference terminals is shown in Figure 4. Since the effectiveness of the decoupling capacitors depends
largely on the proximity to the individual supply terminal, all decoupling capacitors must be placed as close as
possible to the supply terminals. An inductor is recommended for the DIVDD power supply (see Figure 4).
Common ground is also recommended.
voltage references
An internal precision voltage reference of 1.5 V nominal is provided. This reference voltage generates the ADC
Ref– voltage of 1 V and Ref+ of 2 V. It also sets the clamp voltage. All internally generated voltages are fixed
values and cannot be adjusted. Terminals 37 (RBD), 38 (RPD), and 39 (RMD) must not be used to drive any
loads.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com