Electronic Components Datasheet Search
  English  ▼

X  

VSP10T21 Datasheet(PDF) 7 Page - Texas Instruments

Part # VSP10T21
Description  3-V, 10-BIT, 21-MSPS, ENHANCED TIMING CONTROL CCD ANALOG FRONT END
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

VSP10T21 Datasheet(HTML) 7 Page - Texas Instruments

Back Button VSP10T21 Datasheet HTML 3Page - Texas Instruments VSP10T21 Datasheet HTML 4Page - Texas Instruments VSP10T21 Datasheet HTML 5Page - Texas Instruments VSP10T21 Datasheet HTML 6Page - Texas Instruments VSP10T21 Datasheet HTML 7Page - Texas Instruments VSP10T21 Datasheet HTML 8Page - Texas Instruments VSP10T21 Datasheet HTML 9Page - Texas Instruments VSP10T21 Datasheet HTML 10Page - Texas Instruments VSP10T21 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
VSP10T21
3-V, 10-BIT, 21-MSPS, ENHANCED TIMING CONTROL
CCD ANALOG FRONT END
SLES027 – MARCH 2002
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range, TA = 25°C,
AVDD = DVDD = 3 V, MCLK = 21 MHz (unless otherwise noted) (continued)
digital specifications
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Logic Inputs
IIH
High-level input current
DVDD = 3 V
–10
10
µA
IIL
Low-level input current
DVDD = 3 V
–10
10
µA
CI
Input capacitance
5
pF
Logic Outputs
VOH
High-level output voltage
IOH= 50 µA, DIVDD = 3 V
DIVDD–0.4
V
VOL
Low-level output voltage
IOL= 50 µA, DIVDD = 3 V
0.4
V
IOZ
High-impedance-state output current
±10
µA
Co
Output capacitance
5
pF
key timing requirement
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Maximum programming range for SR and ADCCLK timing
signals
T†
ns
SR and ADCCLK programming resolution
T/30
ns
tSRW
SR pulse width
Measured at 50% of pulse
height, recommend to use T/4
of ADCCLK cycle
10
ns
tSRD
Delay between the rising edge of external SR test output
and the actual sampling instant
2.4‡
ns
tADCKD
Delay between the falling edge of external ADCCLK test
output and the actual instant of sampling the video signal
Measured at 50% of pulse
hiht
1.7§
ns
tOD
The rising edge of MCLK to output data delay
height
6
ns
tCSF
CS falling edge to SCLK rising edge
0
ns
tCSR
SCLK falling edge to CS rising edge
5
ns
† T is the time period of MCLK.
‡ SR is the internally generated timing. Due to the pad delay on the output SR, the maximum of the SR delay is 2.4 ns. It must not be delayed further
on the positive direction unless it crosses a full pixel period (refer to Figure 2). The target for the SR position is to make sure that the rising edge
of SR sample the reference level of the CCD signal.
§ ADCCLK is the internally generated timing. Due to the pad delay on the output ADCCLK, the maximum of the ADCCLK delay is 1.7 ns. It must
not be delayed further on the positive direction unless it crosses a full pixel period (refer to Figure 2). The target for the SR position is to make
sure that the falling edge of ADCCLK sample the video level of the active instant of the CCD signal.
NOTE: The digital output is latched out by MCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com