Electronic Components Datasheet Search
  English  ▼

X  

VSP10T21 Datasheet(PDF) 1 Page - Texas Instruments

Part # VSP10T21
Description  3-V, 10-BIT, 21-MSPS, ENHANCED TIMING CONTROL CCD ANALOG FRONT END
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

VSP10T21 Datasheet(HTML) 1 Page - Texas Instruments

  VSP10T21 Datasheet HTML 1Page - Texas Instruments VSP10T21 Datasheet HTML 2Page - Texas Instruments VSP10T21 Datasheet HTML 3Page - Texas Instruments VSP10T21 Datasheet HTML 4Page - Texas Instruments VSP10T21 Datasheet HTML 5Page - Texas Instruments VSP10T21 Datasheet HTML 6Page - Texas Instruments VSP10T21 Datasheet HTML 7Page - Texas Instruments VSP10T21 Datasheet HTML 8Page - Texas Instruments VSP10T21 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
VSP10T21
3-V, 10-BIT, 21-MSPS, ENHANCED TIMING CONTROL
CCD ANALOG FRONT END
SLES027 – MARCH 2002
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
features
D 10-bit, 21 Mega-Samples Per Second
(MSPS), A/D Converter
D Single Power Supply Operation, 2.7 V to
3.3 V
D Internally Programmable Correlated Double
Sampler (CDS) Timing SR and ADCCLK
D Very Low Power: 109 mW Typical at 2.7-V,
1.5-mW Power-Down Mode
D Full Channel Differential Nonlinearity Error:
<
±0.5 LSB Typical
D Full Channel Integral Nonlinearity Error:
<
±1.0 LSB Typical
D Programmable Optical Black (OB) Level
and Offset Calibration
D Programmable Gain Amplifier (PGA) With
0-dB to 36-dB Gain Range (0.047 dB/Step)
for CCD Mode, 0-dB to 12-dB Gain Range
(0.047 dB/Step) for Video Mode
D Additional Digital-to-Analog Converters
(DACs) for External Analog Setting
D Serial Interface for Register Configuration
D Internal Reference Voltages
D 48-Terminal TQFP Package
applications
D Digital Still Camera
D Digital Camcorder
D Digital Video Camera
description
The VSP10T21 device is a complete charge-coupled device (CCD) and video signal processor/digitizer
designed for digital camera and camcorder applications. The VSP10T21 device performs all the analog
processing functions necessary to maximize the dynamic range, corrects various errors associated with the
CCD sensor, and then digitizes the results with an on-chip high-speed analog-to-digital converter (ADC). One
of the key features of this device is an integrated programmable delay generated for the CDS timing control,
which eases the AFE timing adjustments for optimum image quality. Other key components of the VSP10T21
device include:
D Input clamp circuitry and a CDS
D Programmable gain amplifier (PGA) with 0-dB to 36-dB gain range (0.047 dB/step) for CCD mode, 0-dB
to 12-dB gain range (0.047 dB/step) for video mode
D Internal programmable optical black level and offset calibration
D 10-bit, 21 MSPS pipeline ADC for CCD mode and 28 MSPS ADC for video mode
D Parallel data port for easy microprocessor interface and a serial port for configuring internal control registers
D Two DACs for external system control
D Internal reference voltages
Designed in advanced CMOS process, the VSP10T21 device operates from a single power supply with a
normal power consumption of 109 mW at 2.7 V and 21 MSPS and a 1.5-mW power-down mode.
High precision, single 3-V operation, very low power consumption, and fully integrated analog processing
circuitry make the VSP10T21 device an ideal CCD signal processing solution for the electronic video camcorder
and digital still camera applications.
The part is available in a 48-terminal TQFP package and is specified over an operating temperature range of
–20
°C to 75°C.
Copyright
 2002, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - VSP10T21

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
VSP1000 TI1-VSP1000 Datasheet
513Kb / 14P
Low-Power, High-Speed Buffer for CCD Sensor
VSP1000 TI2-VSP1000 Datasheet
881Kb / 15P
Low-Power, High-Speed Buffer for CCD Sensor
REVISED OCTOBER 2011
VSP1000DSFR TI1-VSP1000DSFR Datasheet
513Kb / 14P
Low-Power, High-Speed Buffer for CCD Sensor
VSP1000DSFR TI2-VSP1000DSFR Datasheet
881Kb / 15P
Low-Power, High-Speed Buffer for CCD Sensor
REVISED OCTOBER 2011
VSP1000DSFR.B TI2-VSP1000DSFR.B Datasheet
881Kb / 15P
Low-Power, High-Speed Buffer for CCD Sensor
REVISED OCTOBER 2011
More results

Similar Description - VSP10T21

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAFE1040 TI-TAFE1040 Datasheet
53Kb / 4P
3 V, 10-BIT 42 MSPS, AREA CCD ANALOG FRONT-END
VSP1021 TI-VSP1021 Datasheet
245Kb / 17P
3-V, 10-BIT, 25-MSPS, LOW-POWER AREA CCD ANALOG FRONT END
TLV990-21 TI-TLV990-21 Datasheet
311Kb / 22P
3-V,10-BIT,21-MSPS AREA CCD ANALOG FRONT END
TLV990-13 TI-TLV990-13 Datasheet
289Kb / 22P
3-V, 10-BIT, 13-MSPS AREA CCD ANALOG FRONT END
TLV990-40 TI-TLV990-40 Datasheet
339Kb / 24P
3-V, 10-BIT, 40-MSPS AREA CCD ANALOG FRONT-END
TLV990-28 TI-TLV990-28 Datasheet
322Kb / 22P
3-V, 10-BIT, 28-MSPS AREA CCD ANALOG FRONT END
VSP8133 TI-VSP8133 Datasheet
901Kb / 29P
CCD Analog Front-End with Timing Generator for Digital Cameras
LM98725 TI1-LM98725_15 Datasheet
5Mb / 145P
3 Channel, 16-Bit, 81 MSPS Analog Front End
TLV990-13 TI1-TLV990-13_16 Datasheet
300Kb / 24P
3-V, 10-BIT, 13-MSPS AREA CCD ANALOG FRONT END
VSP1021 TI1-VSP1021_14 Datasheet
628Kb / 6P
3-V, 10-BIT,25-MSPS, LOW-POWER AREA CCD ANALOG FRONT END
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com