Electronic Components Datasheet Search
  English  ▼

X  

VSP10T21 Datasheet(PDF) 5 Page - Texas Instruments

Part # VSP10T21
Description  3-V, 10-BIT, 21-MSPS, ENHANCED TIMING CONTROL CCD ANALOG FRONT END
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

VSP10T21 Datasheet(HTML) 5 Page - Texas Instruments

  VSP10T21 Datasheet HTML 1Page - Texas Instruments VSP10T21 Datasheet HTML 2Page - Texas Instruments VSP10T21 Datasheet HTML 3Page - Texas Instruments VSP10T21 Datasheet HTML 4Page - Texas Instruments VSP10T21 Datasheet HTML 5Page - Texas Instruments VSP10T21 Datasheet HTML 6Page - Texas Instruments VSP10T21 Datasheet HTML 7Page - Texas Instruments VSP10T21 Datasheet HTML 8Page - Texas Instruments VSP10T21 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
VSP10T21
3-V, 10-BIT, 21-MSPS, ENHANCED TIMING CONTROL
CCD ANALOG FRONT END
SLES027 – MARCH 2002
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature (unless otherwise noted)†
Supply voltage, AVDD, DVDD, DIVDD
–0.3 V to 6.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Analog input voltage range
–0.3 V to AVDD + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Digital input voltage range
–0.3 V to DVDD + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating virtual junction temperature range, TJ
–40
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA
–20
°C to 75°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
recommended operating conditions
power supplies
PARAMETER
MIN
NOM
MAX
UNIT
AVDD
Analog supply voltage
2.7
3
3.3
V
DVDD
Digital supply voltage
2.7
3
3.3
V
DIVDD
Digital interface supply voltage
1.8
3.6
V
digital inputs
PARAMETER
TEST CONDITION
MIN
NOM
MAX
UNIT
VIH
High-level input voltage
DVDD = 3 V
0.8 DVDD
V
VIL
Low-level input voltage
DVDD = 3 V
0.2 DVDD
V
Input MCLK frequency
DVDD = 3 V, CCD mode
21
MHz
Input MCLK frequency
DVDD = 3 V, video mode
28
MHz
tw(MCLKH)
ADCCLK pulse duration, clock high
DVDD = 3 V
23.8
ns
tw(MCLKL)
ADCCLK pulse duration, clock low
DVDD = 3 V
23.8
ns
Input SCLK frequency
DVDD = 3 V
40
MHz
tw(SCLKH)
SCLK pulse duration, clock high
DVDD = 3 V
12.5
ns
tw(SCLKL)
SCLK pulse duration, clock low
DVDD = 3 V
12.5
ns
electrical characteristics over recommended operating free-air temperature range, TA = 25°C,
AVDD = DVDD = 3 V, MCLK = 21 MHz (unless otherwise noted)
total device
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
Device power consumption
AVDD = DVDD = 3 V
130
mW
Device power consumption
AVDD = DVDD = 2.7 V
109
mW
Power consumption in power-down mode
1.5
mW
No missing code
Assured



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com