Electronic Components Datasheet Search
  English  ▼

X  

VSP10T21 Datasheet(PDF) 16 Page - Texas Instruments

Part # VSP10T21
Description  3-V, 10-BIT, 21-MSPS, ENHANCED TIMING CONTROL CCD ANALOG FRONT END
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

VSP10T21 Datasheet(HTML) 16 Page - Texas Instruments

Back Button VSP10T21 Datasheet HTML 12Page - Texas Instruments VSP10T21 Datasheet HTML 13Page - Texas Instruments VSP10T21 Datasheet HTML 14Page - Texas Instruments VSP10T21 Datasheet HTML 15Page - Texas Instruments VSP10T21 Datasheet HTML 16Page - Texas Instruments VSP10T21 Datasheet HTML 17Page - Texas Instruments VSP10T21 Datasheet HTML 18Page - Texas Instruments VSP10T21 Datasheet HTML 19Page - Texas Instruments VSP10T21 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
VSP10T21
3-V, 10-BIT, 21-MSPS, ENHANCED TIMING CONTROL
CCD ANALOG FRONT END
SLES027 – MARCH 2002
16
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
internal timing
As previously explained, the SR and ADCCLK clocks are required to operate the CDS. Users need to
synchronize the SR and ADCCLK clocks with the CCD signal waveform. The output from the ADC is read out
to external circuitry by the MCLK signal that is the external signal used to generate the SR and ADCCLK clocks
internally. The user can use the SR and ADCCLK internal delay register to program the delay of these clocks
based on Figure 2 in order to achieve the optimal performance. Terminals 21 (SR) and 22 (ADCCLK) are used
to monitor these two internal signals. By changing bit D2 (CKIP) in the clock control register, the AFE digital
output is latched at either the rising edge or the falling edge of the MCLK pulse.
The CLAMP signal activates the clamping circuit for the input signal. The OBCLP signal activates the optical
black calibration and the active portion (the low pulse) of this signal must be within the optical black period of
the CCD (see Figure 1).
ADC
The ADC employs a pipelined architecture to achieve high throughput and low power consumption. Fully
differential implementation and digital error correction ensure 10-bit resolution.
The latency of the ADC data output is the default 5 MCLK cycles as shown in Figure 2. Pulling terminal 42 (OE)
high puts the ADC output in high impedance.
automatic optical black calibration
In the VSP10T21 device, the optical black and the system channel offset corrections are performed by an auto
analog feedback loop. During the optical black calibration interval (OBCLP = low) of each line, the optical black
pixels plus the channel offset are sampled and compared with the desired black level specified in the optical
black Vb setup register. The difference is then integrated and added to incoming pixel data at PGA input. This
analog feedback loop calibrates the PGA output to the desired black pixel level, which can be programmed
either to 0 or from 20 LSB to 35 LSB at 1 LSB/step resolution typically via the serial port. The OB calibration
settles within about 1000 OB pixels.
input blanking function
During blanking period of CCD operation, large input transients may occur at the VSP10T21 device’s input,
making the ADC output unpredictable. Activating BLKG pulse during this period ensures the digital code is zero
at the ADC output.
user DACs
The VSP10T21 device includes two user DACs that can be used for external analog settings. These are resistor
string DACs. They must be used only to drive capacitor or buffer loads, not resistor loads. The output voltage
of each DAC can be independently set and has a range of 0 V to the supply voltage with 8-bit resolution. When
the user DACs are not used in a camera system, they can be put in the standby mode by programming control
bits in the control register 1. The status of the user DACs is defined in the following table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com