Electronic Components Datasheet Search
  English  ▼

X  

VSP10T21 Datasheet(PDF) 11 Page - Texas Instruments

Part # VSP10T21
Description  3-V, 10-BIT, 21-MSPS, ENHANCED TIMING CONTROL CCD ANALOG FRONT END
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

VSP10T21 Datasheet(HTML) 11 Page - Texas Instruments

Back Button VSP10T21 Datasheet HTML 7Page - Texas Instruments VSP10T21 Datasheet HTML 8Page - Texas Instruments VSP10T21 Datasheet HTML 9Page - Texas Instruments VSP10T21 Datasheet HTML 10Page - Texas Instruments VSP10T21 Datasheet HTML 11Page - Texas Instruments VSP10T21 Datasheet HTML 12Page - Texas Instruments VSP10T21 Datasheet HTML 13Page - Texas Instruments VSP10T21 Datasheet HTML 14Page - Texas Instruments VSP10T21 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
VSP10T21
3-V, 10-BIT, 21-MSPS, ENHANCED TIMING CONTROL
CCD ANALOG FRONT END
SLES027 – MARCH 2002
11
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
REGISTER DEFINITION
serial input data format
DI15
DI14
DI13
DI12
DI11
DI10
DI9
DI8
DI7
DI6
DI5
DI4
DI3
DI2
DI1
DI0
X
X
A3
A2
A1
A0
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
A3
A2
A1
A0
D9–D10
0000
Control register
10-bit data to be written into the selected register
0001
PGA gain register
0010
User DAC1 register
0011
User DAC2 register
0100
Reserved
0101
Optical black Vb setup register
0110
Video control register
0111
Reserved
1000
SR and ADC delay register
1001
Clock control register
control register format (00H)
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
STBY
PDD1
PDD2
DACD
x
x
x
x
x
RTSY
control register description
BIT
NAME
DESCRIPTION
D9
STBY
Device power down control
1 = Standby
0 = Active (default)
D8
PDD1
Power down the user DAC1
1 = Standby
0 = Active (default)
D7
PDD2
Power down the user DAC2
1 = Standby
0 = Active (default)
D6
DACD
Sustain the user DACs when power down
0 = User DACs are powered down during global power-down (default)
1 = User DACs are not powered down during global power-down
D5
x
Reserved
D4
x
Reserved
D3
x
Reserved
D2
x
Reserved
D1
x
Reserved
D0
RTSY
Writing a 1 to this bit will reset entire system to the default settings (active high).
Default = 00 0000 0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com