Electronic Components Datasheet Search
  English  ▼

X  

VSP10T21 Datasheet(PDF) 3 Page - Texas Instruments

Part # VSP10T21
Description  3-V, 10-BIT, 21-MSPS, ENHANCED TIMING CONTROL CCD ANALOG FRONT END
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

VSP10T21 Datasheet(HTML) 3 Page - Texas Instruments

  VSP10T21 Datasheet HTML 1Page - Texas Instruments VSP10T21 Datasheet HTML 2Page - Texas Instruments VSP10T21 Datasheet HTML 3Page - Texas Instruments VSP10T21 Datasheet HTML 4Page - Texas Instruments VSP10T21 Datasheet HTML 5Page - Texas Instruments VSP10T21 Datasheet HTML 6Page - Texas Instruments VSP10T21 Datasheet HTML 7Page - Texas Instruments VSP10T21 Datasheet HTML 8Page - Texas Instruments VSP10T21 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
VSP10T21
3-V, 10-BIT, 21-MSPS, ENHANCED TIMING CONTROL
CCD ANALOG FRONT END
SLES027 – MARCH 2002
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
functional block diagram
1.2 V Ref
CDS
DIN+
DIN–
PIN
Clamp
Video
Clamp
CLAMP CLREF
AVDD (4 PLACES)
Internal
Reference
RBD
RPD
RMD
PGA
Optical
Black
Loop
10
PGA
Register
DVDD
DIVDD
10-Bit
ADC
Three-State
Latch
Timing
and
Control
Logic
BLKG
OBCLP
STBY
D0
D9
Thru
Serial
Port
CS
SCLK
SCKP
SDIN
OE
8-Bit
DAC
DAC2
Reg
DACO2
8-Bit
DAC
DAC1
Reg
DACO1
AVSS (4 PLACES)
DVSS
DIVSS
VSS
MCLK
RESET
ADCCLK†
SR†
DLL
† ADCCLK and SR output signals are only enabled by setting bits D3 (ADEN) and D4 (ROEN) in the clock control register to 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com