Electronic Components Datasheet Search
  English  ▼

X  

PCF2127 Datasheet(PDF) 45 Page - NXP Semiconductors

Part # PCF2127
Description  Accurate RTC with integrated quartz crystal for industrial applications
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF2127 Datasheet(HTML) 45 Page - NXP Semiconductors

Back Button PCF2127 Datasheet HTML 41Page - NXP Semiconductors PCF2127 Datasheet HTML 42Page - NXP Semiconductors PCF2127 Datasheet HTML 43Page - NXP Semiconductors PCF2127 Datasheet HTML 44Page - NXP Semiconductors PCF2127 Datasheet HTML 45Page - NXP Semiconductors PCF2127 Datasheet HTML 46Page - NXP Semiconductors PCF2127 Datasheet HTML 47Page - NXP Semiconductors PCF2127 Datasheet HTML 48Page - NXP Semiconductors PCF2127 Datasheet HTML 49Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 100 page
background image
PCF2127
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 8 — 19 December 2014
45 of 100
NXP Semiconductors
PCF2127
Accurate RTC with integrated quartz crystal for industrial applications
If a new value of n is written before the end of the actual timer period, this value takes
immediate effect. It is not recommended to change n without first disabling the counter by
setting WD_CD[1:0] = 00. The update of n is asynchronous to the timer clock. Therefore
changing it on the fly could result in a corrupted value loaded into the countdown counter.
This can result in an undetermined countdown period for the first period. The countdown
value n will, however, be correctly stored and correctly loaded on subsequent timer
periods.
If this mode is enabled and the countdown timer flag CDTF is set, an interrupt signal on
INT will be generated. See Section 8.13.2 for details on how the interrupt can be
controlled.
When starting the countdown timer for the first time, only the first period will not have a
fixed duration. The amount of inaccuracy for the first timer period depends on the chosen
source clock, see Table 60.
At the end of every countdown, the timer sets the countdown timer flag (CDTF). CDTF
may only be cleared by command. The asserted CDTF can be used to generate an
interrupt (INT). The interrupt may be generated as a pulsed signal every countdown
period or as a permanently active signal which follows the condition of CDTF. TI_TP is
used to control this mode selection. The interrupt output may be disabled with the CDTIE
bit, see Table 9.
In this example, it is assumed that the countdown timer flag (CDTF) is cleared before the next
countdown period expires and that INT is set to pulsed mode.
Fig 25. General countdown timer behavior
Table 60.
First period delay for timer counter
Timer source clock
Minimum timer period
Maximum timer period
4.096 kHz
n
n + 1
64 Hz
n
n + 1
1 Hz
(n
 1) + 1⁄
64 Hz
n + 1⁄64 Hz
1⁄60 Hz
(n
 1) + 1⁄
64 Hz
n + 1⁄64 Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com