Electronic Components Datasheet Search
  English  ▼

X  

PCF2127 Datasheet(PDF) 24 Page - NXP Semiconductors

Part # PCF2127
Description  Accurate RTC with integrated quartz crystal for industrial applications
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF2127 Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button PCF2127 Datasheet HTML 20Page - NXP Semiconductors PCF2127 Datasheet HTML 21Page - NXP Semiconductors PCF2127 Datasheet HTML 22Page - NXP Semiconductors PCF2127 Datasheet HTML 23Page - NXP Semiconductors PCF2127 Datasheet HTML 24Page - NXP Semiconductors PCF2127 Datasheet HTML 25Page - NXP Semiconductors PCF2127 Datasheet HTML 26Page - NXP Semiconductors PCF2127 Datasheet HTML 27Page - NXP Semiconductors PCF2127 Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 100 page
background image
PCF2127
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 8 — 19 December 2014
24 of 100
NXP Semiconductors
PCF2127
Accurate RTC with integrated quartz crystal for industrial applications
Usually R1 and R2 should be chosen such that the voltage at pin PFI
• is higher than 1.25 V at start-up
• falls below 1.25 V when VDD falls below a desired threshold voltage, Vth(uvp), defined
by Equation 1:
(1)
Vth(uvp) value is usually set to a value that there are several milliseconds before VDD falls
below the minimum operating voltage of the system, in order to allow the microcontroller
to perform early backup operations, like terminating the communication with the
PCF2127.
The value of C is determined from Equation 2:
(2)
If the extra power fail detection function is not used, pin PFI must be connected to VSS and
pin PFO must be left open circuit.
8.6.3.1
Extra power fail detection when the battery switch-over function is enabled
• When the power switches to the backup battery supply VBAT, the power fail
comparator is switched off and the power fail output at pin PFO goes (or remains)
LOW
• When the power switches back to the main VDD, the pin PFO is not driven LOW
anymore. It is pulled HIGH through the external pull-up resistance for a certain time
(trec = 15.63 ms to 31.25 ms). Then the power fail comparator is enabled again
For illustration, see Figure 11 and Figure 12.
V
th uvp

R
1
R
2
------
1
+


1.25V
=
C
0.02
R
1//R2

---------------------
As
V
------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com