Electronic Components Datasheet Search
  English  ▼

X  

PCF2127 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # PCF2127
Description  Accurate RTC with integrated quartz crystal for industrial applications
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF2127 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button PCF2127 Datasheet HTML 13Page - NXP Semiconductors PCF2127 Datasheet HTML 14Page - NXP Semiconductors PCF2127 Datasheet HTML 15Page - NXP Semiconductors PCF2127 Datasheet HTML 16Page - NXP Semiconductors PCF2127 Datasheet HTML 17Page - NXP Semiconductors PCF2127 Datasheet HTML 18Page - NXP Semiconductors PCF2127 Datasheet HTML 19Page - NXP Semiconductors PCF2127 Datasheet HTML 20Page - NXP Semiconductors PCF2127 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 100 page
background image
PCF2127
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 8 — 19 December 2014
17 of 100
NXP Semiconductors
PCF2127
Accurate RTC with integrated quartz crystal for industrial applications
8.5.5 Operation examples
8.5.5.1
Writing to the RAM
1. Set RAM address:
– Select register RAM_addr_MSB (send address 1Ah).
– Set value for bit RA8 (data byte of register 1Ah).
Note: register address will be incremented automatically to 1Bh.
– Set value for array RA[7:0] (data byte of register 1Bh).
2. Send RAM write command:
– Select register RAM_wrt_cmd (send address 1Ch).
3. Write data into the RAM:
– Write n data byte into RAM.
For details, see Figure 46 on page 69.
8.5.5.2
Reading from the RAM
1. Set RAM address:
– Select register RAM_addr_MSB (send address 1Ah).
– Set value for bit RA8 (data byte of register 1Ah).
Note: register address will be incremented automatically to 1Bh.
– Set value for array RA[7:0] (data byte of register 1Bh).
2. Send RAM read command:
– Select register RAM_rd_cmd (send address 1Dh).
3. Read from the RAM:
– Read n data byte from the RAM.
For details, see Figure 47 on page 70.
8.6 Power management functions
The PCF2127 has two power supplies:
VDD — the main power supply
VBAT — the battery backup supply
Internally, the PCF2127 is operating with the internal operating voltage Voper(int) which is
also available as VBBS on the battery backed output voltage pin, BBS. Depending on the
condition of the main power supply and the selected power management function,
Voper(int) is either on the potential of VDD or VBAT (see Section 8.6.4).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com