| Electronic Components Datasheet Search |
|
PCF2127 Datasheet(PDF) 55 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF2127 Datasheet(HTML) 55 Page - NXP Semiconductors |
|
55 / 100 page ![]() PCF2127 All information provided in this document is subject to legal disclaimers. © NXP Semiconductors N.V. 2014. All rights reserved. Product data sheet Rev. 8 — 19 December 2014 55 of 100 NXP Semiconductors PCF2127 Accurate RTC with integrated quartz crystal for industrial applications • watchdog timer • alarm • timestamp • battery switch-over • battery low detection The control bit TI_TP (register Watchdg_tim_ctl) is used to configure whether the interrupts generated from the second/minute timer (flag MSF in register Control_2) and the countdown timer (flag CDTF in register Control_2) are pulsed signals or a permanently active signal. All the other interrupt sources generate a permanently active interrupt signal which follows the status of the corresponding flags. When the interrupt sources are all disabled, INT remains high-impedance. • The flags MSF, CDTF, AF, TSFx, and BF can be cleared by command. • The flag WDTF is read only. How it can be cleared is explained in Section 8.11.6. • The flag BLF is read only. It is cleared automatically from the battery low detection circuit when the battery is replaced. 8.13.1 Minute and second interrupts Minute and second interrupts are generated by predefined timers. The timers can be enabled independently from one another by the bits MI and SI in register Control_1. However, a minute interrupt enabled on top of a second interrupt cannot be distinguishable since it occurs at the same time. The minute/second flag MSF (register Control_2) is set logic 1 when either the seconds or the minutes counter increments according to the enabled interrupt (see Table 82). The MSF flag can be cleared by command. When MSF is set logic 1: • If TI_TP is logic 1, the interrupt is generated as a pulsed signal. • If TI_TP is logic 0, the interrupt is permanently active signal that remains until MSF is cleared. Table 82. Effect of bits MI and SI on pin INT and bit MSF MI SI Result on INT Result on MSF 0 0 no interrupt generated MSF never set 1 0 an interrupt once per minute MSF set when minutes counter increments 0 1 an interrupt once per second MSF set when seconds counter increments 1 1 an interrupt once per second MSF set when seconds counter increments |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |