Electronic Components Datasheet Search
  English  ▼

X  

PCF2127 Datasheet(PDF) 74 Page - NXP Semiconductors

Part # PCF2127
Description  Accurate RTC with integrated quartz crystal for industrial applications
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF2127 Datasheet(HTML) 74 Page - NXP Semiconductors

Back Button PCF2127 Datasheet HTML 70Page - NXP Semiconductors PCF2127 Datasheet HTML 71Page - NXP Semiconductors PCF2127 Datasheet HTML 72Page - NXP Semiconductors PCF2127 Datasheet HTML 73Page - NXP Semiconductors PCF2127 Datasheet HTML 74Page - NXP Semiconductors PCF2127 Datasheet HTML 75Page - NXP Semiconductors PCF2127 Datasheet HTML 76Page - NXP Semiconductors PCF2127 Datasheet HTML 77Page - NXP Semiconductors PCF2127 Datasheet HTML 78Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 100 page
background image
PCF2127
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 8 — 19 December 2014
74 of 100
NXP Semiconductors
PCF2127
Accurate RTC with integrated quartz crystal for industrial applications
[1]
For reliable oscillator start-up at power-on: VDD(po)min =VDD(min) +0.3 V.
[2]
Timer source clock = 1⁄60 Hz, level of pins SDA/CE, SDI, and SCL is VDD or VSS.
[3]
When the device is supplied by the VBAT pin instead of the VDD pin, the current values for IBAT are as specified for IDD under the same
conditions.
[4]
The I2C-bus and SPI-bus interfaces of PCF2127 are 5 V tolerant.
[5]
Tested on sample basis.
[6]
For further information, see Figure 49.
Power management
Vth(sw)bat
battery switch
threshold voltage
-2.5
-V
Vth(bat)low
low battery threshold
voltage
-2.5
-V
Tamb =25 C
2.25
-
2.85
V
Vth(PFI)
threshold voltage on
pin PFI
-1.25
-V
Inputs[4]
VI
input voltage
0.5
-
VDD +0.5
V
VIL
LOW-level input
voltage
-
-
0.25VDD
V
Tamb = 20 C to +85 C;
VDD >2.0 V
-
-
0.3VDD
V
VIH
HIGH-level input
voltage
0.7VDD
--
V
ILI
input leakage current
VI =VDD or VSS
-0
-
A
post ESD event
1-
+1
A
Ci
input capacitance
[5] --
7
pF
Outputs
VO
output voltage
on pins CLKOUT, INT, RST and
PFO, referring to external pull-up
0.5
-
5.5
V
on pin BBS
1.8
-
4.2
V
on pin SDO
0.5
-
VDD + 0.5
V
VOH
HIGH output voltage
on pin SDO
0.8VDD
-VDD
V
VOL
LOW output voltage
on pins CLKOUT, INT, RST,
SDO, and PFO
VSS
-0.2VDD
V
IOL
LOW-level output
current
output sink current;
VOL = 0.4 V
on pin SDA/CE
[6] 317
-
mA
on all other outputs
1.0
-
-
mA
IOH
HIGH-level output
current
output source current;
on pin SDO;
VOH = 3.8 V;
VDD = 4.2 V
1.0
-
-
mA
ILO
output leakage current VO = VDD or VSS
-0
-
A
post ESD event
1-
+1
A
Table 90.
Static characteristics …continued
VDD = 1.8 V to 4.2 V; VSS =0V; Tamb = 40 C to +85 C, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com