Electronic Components Datasheet Search
  English  ▼

X  

PCF2127 Datasheet(PDF) 60 Page - NXP Semiconductors

Part # PCF2127
Description  Accurate RTC with integrated quartz crystal for industrial applications
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF2127 Datasheet(HTML) 60 Page - NXP Semiconductors

Back Button PCF2127 Datasheet HTML 56Page - NXP Semiconductors PCF2127 Datasheet HTML 57Page - NXP Semiconductors PCF2127 Datasheet HTML 58Page - NXP Semiconductors PCF2127 Datasheet HTML 59Page - NXP Semiconductors PCF2127 Datasheet HTML 60Page - NXP Semiconductors PCF2127 Datasheet HTML 61Page - NXP Semiconductors PCF2127 Datasheet HTML 62Page - NXP Semiconductors PCF2127 Datasheet HTML 63Page - NXP Semiconductors PCF2127 Datasheet HTML 64Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 100 page
background image
PCF2127
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 8 — 19 December 2014
60 of 100
NXP Semiconductors
PCF2127
Accurate RTC with integrated quartz crystal for industrial applications
The lower stages of the prescaler, F0 to F8, are not reset and because the I2C-bus and the
SPI-bus are asynchronous to the crystal oscillator, the accuracy of restarting the time
circuits is between 0 and one 64 Hz cycle (0.484375 s and 0.500000 s), see Table 84 and
Figure 34.
[1]
F0 is clocked at 32.768 kHz.
Fig 33. STOP bit functional diagram
Table 84.
First increment of time circuits after stop release
Bit
STOP
Prescaler bits[1]
F0 to F8 - F9 to F14
1Hz tick
Time
hh:mm:ss
Comment
Clock is running normally
0
010000111-010100
12:45:12
prescaler counting normally
STOP bit is activated by user. F0 to F8 are not reset and values cannot be predicted externally
1
xxxxxxxxx-000000
12:45:12
prescaler is reset; time circuits are frozen
New time is set by user
1
xxxxxxxxx-000000
08:00:00
prescaler is reset; time circuits are frozen
STOP bit is released by user
0
xxxxxxxxx-000000
08:00:00
prescaler is now running
0
xxxxxxxxx-100000
08:00:00
0
xxxxxxxxx-100000
08:00:00
0
xxxxxxxxx-110000
08:00:00
::
:
0
111111111-111110
08:00:00
0
000000000-000001
08:00:01
0 to 1 transition of F14 increments the time circuits
0
100000000-000001
08:00:01
::
:
0
111111111-111111
08:00:01
0
000000000-000000
08:00:01
0
100000000-000000
::
:
0
111111111-111110
08:00:01
0
000000000-000001
08:00:02
0 to 1 transition of F14 increments the time circuits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com