Electronic Components Datasheet Search
  English  ▼

X  

PCF2127 Datasheet(PDF) 72 Page - NXP Semiconductors

Part # PCF2127
Description  Accurate RTC with integrated quartz crystal for industrial applications
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF2127 Datasheet(HTML) 72 Page - NXP Semiconductors

Back Button PCF2127 Datasheet HTML 68Page - NXP Semiconductors PCF2127 Datasheet HTML 69Page - NXP Semiconductors PCF2127 Datasheet HTML 70Page - NXP Semiconductors PCF2127 Datasheet HTML 71Page - NXP Semiconductors PCF2127 Datasheet HTML 72Page - NXP Semiconductors PCF2127 Datasheet HTML 73Page - NXP Semiconductors PCF2127 Datasheet HTML 74Page - NXP Semiconductors PCF2127 Datasheet HTML 75Page - NXP Semiconductors PCF2127 Datasheet HTML 76Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 100 page
background image
PCF2127
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 8 — 19 December 2014
72 of 100
NXP Semiconductors
PCF2127
Accurate RTC with integrated quartz crystal for industrial applications
12. Limiting values
[1]
Pass level; Human Body Model (HBM) according to Ref. 7 “JESD22-A114”.
[2]
Pass level; Charged-Device Model (CDM), according to Ref. 8 “JESD22-C101”.
[3]
Pass level; latch-up testing according to Ref. 9 “JESD78” at maximum ambient temperature (Tamb(max)).
[4]
According to the store and transport requirements (see Ref. 14 “UM10569”) the devices have to be stored at a temperature of +8
C to
+45
C and a humidity of 25 % to 75 %.
Table 89.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDD
supply voltage
0.5
+6.5
V
IDD
supply current
50
+50
mA
Vi
input voltage
0.5
+6.5
V
II
input current
10
+10
mA
VO
output voltage
0.5
+6.5
V
IO
output current
10
+10
mA
at pin SDA/CE
10
+20
mA
VBAT
battery supply voltage
0.5
+6.5
V
Ptot
total power dissipation
-
300
mW
VESD
electrostatic
discharge voltage
HBM
[1] -
4000
V
CDM
[2] -
1250
V
Ilu
latch-up current
[3] -200
mA
Tstg
storage temperature
[4]
55
+85
C
Tamb
ambient temperature
operating device
40
+85
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com