Electronic Components Datasheet Search
  English  ▼

X  

PCF2127 Datasheet(PDF) 26 Page - NXP Semiconductors

Part # PCF2127
Description  Accurate RTC with integrated quartz crystal for industrial applications
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF2127 Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button PCF2127 Datasheet HTML 22Page - NXP Semiconductors PCF2127 Datasheet HTML 23Page - NXP Semiconductors PCF2127 Datasheet HTML 24Page - NXP Semiconductors PCF2127 Datasheet HTML 25Page - NXP Semiconductors PCF2127 Datasheet HTML 26Page - NXP Semiconductors PCF2127 Datasheet HTML 27Page - NXP Semiconductors PCF2127 Datasheet HTML 28Page - NXP Semiconductors PCF2127 Datasheet HTML 29Page - NXP Semiconductors PCF2127 Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 100 page
background image
PCF2127
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 8 — 19 December 2014
26 of 100
NXP Semiconductors
PCF2127
Accurate RTC with integrated quartz crystal for industrial applications
8.6.3.2
Extra power fail detection when the battery switch-over function is disabled
If the battery switch-over function is disabled and the power fail comparator is enabled,
the power fail output at pin PFO depends only on the result of the comparison between
VPFI and 1.25 V:
• If VPFI > 1.25 V, PFO = HIGH (through the external pull-up resistor)
• If VPFI < 1.25 V, PFO = LOW
8.6.4 Battery backup supply
The VBBS voltage on the output pin BBS is at the same potential as the internal operating
voltage Voper(int), depending on the selected battery switch-over function mode:
The output pin BBS can be used as a supply for external devices with battery backup
needs, such as SRAM (see Ref. 3 “AN11266”). For this case, Figure 14 shows the typical
driving capability when VBBS is driven from VDD.
Fig 13. PFO signal behavior when battery switch-over is disabled
Table 26.
Output pin BBS
Battery switch-over function
mode
Conditions
Potential of
Voper(int) and
VBBS
standard
VDD > VBAT OR VDD > Vth(sw)bat
VDD
VDD < VBAT AND VDD < Vth(sw)bat
VBAT
direct switching
VDD > VBAT
VDD
VDD < VBAT
VBAT
disabled
only VDD available,
VBAT must be put to ground
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com