Electronic Components Datasheet Search
  English  ▼

X  

PCF2127 Datasheet(PDF) 46 Page - NXP Semiconductors

Part # PCF2127
Description  Accurate RTC with integrated quartz crystal for industrial applications
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF2127 Datasheet(HTML) 46 Page - NXP Semiconductors

Back Button PCF2127 Datasheet HTML 42Page - NXP Semiconductors PCF2127 Datasheet HTML 43Page - NXP Semiconductors PCF2127 Datasheet HTML 44Page - NXP Semiconductors PCF2127 Datasheet HTML 45Page - NXP Semiconductors PCF2127 Datasheet HTML 46Page - NXP Semiconductors PCF2127 Datasheet HTML 47Page - NXP Semiconductors PCF2127 Datasheet HTML 48Page - NXP Semiconductors PCF2127 Datasheet HTML 49Page - NXP Semiconductors PCF2127 Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 100 page
background image
PCF2127
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 8 — 19 December 2014
46 of 100
NXP Semiconductors
PCF2127
Accurate RTC with integrated quartz crystal for industrial applications
When reading the timer, the actual countdown value is returned and not the initial value n.
Since it is not possible to freeze the countdown timer counter during read back, it is
recommended to read the register twice and check for consistent results.
8.11.5 Pre-defined timers: second and minute interrupt
PCF2127 has two pre-defined timers which are used to generate an interrupt either once
per second or once per minute (see Section 8.13.1). The pulse generator for the minute or
second interrupt operates from an internal 64 Hz clock. It is independent of the watchdog
or countdown timers. Each of these timers can be enabled by the bits SI (second interrupt)
and MI (minute interrupt) in register Control_1.
8.11.6 Clearing flags
The flags MSF, CDTF, AF and TSFx can be cleared by command. To prevent one flag
being overwritten while clearing another, a logic AND is performed during the write
access. A flag is cleared by writing logic 0 while a flag is not cleared by writing logic 1.
Writing logic 1 results in the flag value remaining unchanged.
Four examples are given for clearing the flags. Clearing the flags is made by a write
command:
• Bits labeled with - must be written with their previous values
• WDTF is read only and has to be written with logic 0
Repeatedly rewriting these bits has no influence on the functional behavior.
The following tables show what instruction must be sent to clear the appropriate flag.
[1]
The bits labeled as - have to be rewritten with the previous values.
[1]
The bits labeled as - have to be rewritten with the previous values.
Table 61.
Flag location in register Control_2
Register
Bit
7
6
5
4
3
2
1
0
Control_2
MSF
WDTF
TSF2
AF
CDTF
-
-
-
Table 62.
Example values in register Control_2
Register
Bit
7
6
5
4
3
2
1
0
Control_2
101
11000
Table 63.
Example to clear only CDTF (bit 3)
Register
Bit
7
6
5
4
3
2
1
0
Control_2
1
0
1
1
0
-[1]
-[1]
-[1]
Table 64.
Example to clear only AF (bit 4)
Register
Bit
7
6
5
4
3
2
1
0
Control_2
1
0
1
0
1
0[1]
0[1]
0[1]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com