Electronic Components Datasheet Search
  English  ▼

X  

845GL Datasheet(PDF) 66 Page - Intel Corporation

Part # 845GL
Description  Intel 82845G/82845GL/82845GV Graphics and Memory Controller Hub (GMCH)
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

845GL Datasheet(HTML) 66 Page - Intel Corporation

Back Button 845GL Datasheet HTML 62Page - Intel Corporation 845GL Datasheet HTML 63Page - Intel Corporation 845GL Datasheet HTML 64Page - Intel Corporation 845GL Datasheet HTML 65Page - Intel Corporation 845GL Datasheet HTML 66Page - Intel Corporation 845GL Datasheet HTML 67Page - Intel Corporation 845GL Datasheet HTML 68Page - Intel Corporation 845GL Datasheet HTML 69Page - Intel Corporation 845GL Datasheet HTML 70Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 193 page
background image
Register Description
66
Intel® 82845G/82845GL/82845GV GMCH Datasheet
Microsoft MS-DOS* Application Area (00000h–9FFFh)
The MS-DOS* area is 640 KB in size and it is further divided into two parts. The 512-KB area at 0
to 7FFFFh is always mapped to the main memory controlled by the GMCH, while the 128-KB
address range from 080000h to 09FFFFh can be mapped to PCI_A or to main DRAM. By default
this range is mapped to main memory and can be declared as a main memory hole (accesses
forwarded to PCI_A) via the GMCH FDHC configuration register.
Video Buffer Area (A0000h–BFFFFh)
Attribute bits do not control this 128-KB area. The host -initiated cycles in this region are always
forwarded to either PCI_A or AGP unless this range is accessed in SMM mode. Routing of
accesses is controlled by the Legacy VGA control mechanism of the “virtual” PCI-to-PCI
bridge device embedded within the GMCH.
This area can be programmed as SMM area via the SMRAM register. When used as a SMM space,
this range cannot be accessed from the hub interface or AGP.
Expansion Area (C0000h–DFFFFh)
This 128-KB area is divided into eight, 16-KB segments that can be assigned with different
attributes via the PAM Control registers as defined by Table 3-2.
Extended System BIOS Area (E0000h–EFFFFh)
This 64-KB area is divided into four, 16-KB segments that can be assigned with different attributes
via the PAM Control registers as defined by Table 3-2.
System BIOS Area (F0000h–FFFFFh)
This area is a single, 64-KB segment, which can be assigned with different attributes via the PAM
Control registers as defined by Table 3-2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com