Electronic Components Datasheet Search
  English  ▼

X  

845GL Datasheet(PDF) 78 Page - Intel Corporation

Part # 845GL
Description  Intel 82845G/82845GL/82845GV Graphics and Memory Controller Hub (GMCH)
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

845GL Datasheet(HTML) 78 Page - Intel Corporation

Back Button 845GL Datasheet HTML 74Page - Intel Corporation 845GL Datasheet HTML 75Page - Intel Corporation 845GL Datasheet HTML 76Page - Intel Corporation 845GL Datasheet HTML 77Page - Intel Corporation 845GL Datasheet HTML 78Page - Intel Corporation 845GL Datasheet HTML 79Page - Intel Corporation 845GL Datasheet HTML 80Page - Intel Corporation 845GL Datasheet HTML 81Page - Intel Corporation 845GL Datasheet HTML 82Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 193 page
background image
Register Description
78
Intel® 82845G/82845GL/82845GV GMCH Datasheet
3.5.2
Host-to-AGP Bridge Registers (Device 1)
The host-to-AGP Bridge (virtual PCI-to-PCI) registers are in Device 1. This section contains the
PCI configuration registers listed in order of ascending offset address. Table 3-3 provides the
register address map for this device.
Table 3-3. Host-to-AGP Register Address Map (Device 1)
Address
Offset
Symbol
Register Name
Default Value
Access
00–01h
VID1
Vendor Identification
8086h
RO
02–03h
DID1
Device Identification
2561h
RO
04–05h
PCICMD1
PCI Command
0000h
RO, R/W
06–07h
PCISTS1
PCI Status
00A0h
RO, R/WC
08h
RID1
Revision Identification
see register
description
RO
09h
—
Intel Reserved
—
—
0Ah
SUBC1
Sub-Class Code
04h
RO
0Bh
BCC1
Base Class Code
06h
RO
0Ch
—
Intel Reserved
—
—
0Dh
MLT1
Master Latency Timer
00h
RO, R/W
0Eh
HDR1
Header Type
01h
RO
0F–17h
—
Intel Reserved
—
—
18h
PBUSN1
Primary Bus Number
00h
RO
19h
SBUSN1
Secondary Bus Number
00h
R/W
1Ah
SUBUSN1
Subordinate Bus Number
00h
R/W
1Bh
SMLT1
Secondary Bus Master Latency Timer
00h
RO, R/W
1Ch
IOBASE1
I/O Base Address
F0h
RO, R/W
1Dh
IOLIMIT1
I/O Limit Address
00h
RO, R/W
1E–1Fh
SSTS1
Secondary Status
02A0h
RO, R/WC
20–21h
MBASE1
Memory Base Address
FFF0h
RO, R/W
22–23h
MLIMIT1
Memory Limit Address
0000h
RO, R/W
24–25h
PMBASE1
Prefetchable Memory Base Limit
Address
FFF0h
RO, R/W
26–27h
PMLIMIT1
Prefetchable Memory Limit Address
0000h
RO, R/W
28–3Dh
—
Intel Reserved
—
—
3Eh
BCTRL1
Bridge Control
00h
RO, R/W
40h
ERRCMD1
Error Command
00h
RO, R/W
41–FFh
—
Intel Reserved
—
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com