Electronic Components Datasheet Search
  English  ▼

X  

845GL Datasheet(PDF) 90 Page - Intel Corporation

Part # 845GL
Description  Intel 82845G/82845GL/82845GV Graphics and Memory Controller Hub (GMCH)
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

845GL Datasheet(HTML) 90 Page - Intel Corporation

Back Button 845GL Datasheet HTML 86Page - Intel Corporation 845GL Datasheet HTML 87Page - Intel Corporation 845GL Datasheet HTML 88Page - Intel Corporation 845GL Datasheet HTML 89Page - Intel Corporation 845GL Datasheet HTML 90Page - Intel Corporation 845GL Datasheet HTML 91Page - Intel Corporation 845GL Datasheet HTML 92Page - Intel Corporation 845GL Datasheet HTML 93Page - Intel Corporation 845GL Datasheet HTML 94Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 193 page
background image
Register Description
90
Intel® 82845G/82845GL/82845GV GMCH Datasheet
3.5.2.21
BCTRL1—Bridge Control Register (Device 1)
Address Offset:
3Eh
Default Value:
00h
Access:
RO, R/W
Size:
8 bits
This register provides extensions to the PCICMD1 register that are specific to PCI-to-PCI bridges.
The BCTRL1 provides additional control for the secondary interface (i.e., PCI_B/AGP) as well as
some bits that affect the overall behavior of the “virtual” PCI-to-PCI bridge embedded within the
GMCH (e.g., VGA compatible address ranges mapping).
Bit
Description
7
Fast Back-to-Back Enable (FB2BEN)—RO.
Hardwired to 0. The GMCH does not generate fast
back-to-back cycles as a master on AGP.
6
Secondary Bus Reset (SRESET)—RO.
Hardwired to 0. GMCH does not support generation of
reset via this bit on the AGP.
5
Master Abort Mode (MAMODE)—RO.
Hardwired to 0. This means when acting as a master on
AGP/PCI_B the GMCH will drop writes on the floor and return all ones during reads when a Master
Abort occurs.
4
Reserved.
3
VGA Enable (VGAEN)—R/W.
This bit controls the routing of processor-initiated transactions
targeting VGA compatible I/O and memory address ranges.
0 = Disable.
1 = Enable.
2
ISA Enable (ISAEN)—R/W.
This bit modifies the response by the GMCH to an I/O access issued by
the processor that targets ISA I/O addresses. This applies only to I/O addresses that are enabled by
the IOBASE and IOLIMIT registers.
0 = Disable (default). All addresses defined by the IOBASE and IOLIMIT for processor I/O
transactions are mapped to PCI_B/AGP.
1 = Enable. GMCH does Not forward to PCI_B/AGP any I/O transactions addressing the last
768 bytes in each 1 KB block, even if the addresses are within the range defined by the IOBASE
and IOLIMIT registers. Instead of going to PCI_B/AGP these cycles will be forwarded to the hub
interface where they can be subtractively or positively claimed by the ISA bridge.
1
SERR Enable (SERREN)—RO.
Hardwired to 0. This bit normally controls forwarding SERR# on the
secondary interface to the primary interface. The GMCH does not support the SERR# signal on the
AGP/PCI_B bus.
0
Parity Error Response Enable (PEREN)—R/W.
This bit controls GMCH’s response to data phase
parity errors on PCI_B/AGP. G_PERR# is not implemented by the GMCH.
0 = Disable. Address and data parity errors on PCI_B/AGP are not reported via the GMCH HI SERR
messaging mechanism. Other types of error conditions can still be signaled via SERR
messaging independent of this bit’s state.
1 = Enable. Address and data parity errors detected on PCI_B are reported via the HI SERR
messaging mechanism, if further enabled by SERRE1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com