Electronic Components Datasheet Search
  English  ▼

X  

845GL Datasheet(PDF) 80 Page - Intel Corporation

Part # 845GL
Description  Intel 82845G/82845GL/82845GV Graphics and Memory Controller Hub (GMCH)
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

845GL Datasheet(HTML) 80 Page - Intel Corporation

Back Button 845GL Datasheet HTML 76Page - Intel Corporation 845GL Datasheet HTML 77Page - Intel Corporation 845GL Datasheet HTML 78Page - Intel Corporation 845GL Datasheet HTML 79Page - Intel Corporation 845GL Datasheet HTML 80Page - Intel Corporation 845GL Datasheet HTML 81Page - Intel Corporation 845GL Datasheet HTML 82Page - Intel Corporation 845GL Datasheet HTML 83Page - Intel Corporation 845GL Datasheet HTML 84Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 193 page
background image
Register Description
80
Intel® 82845G/82845GL/82845GV GMCH Datasheet
3.5.2.3
PCICMD1—PCI Command Register (Device 1)
Address Offset:
04–05h
Default Value:
0000h
Access:
RO, R/W
Size:
16 bits
Bit
Description
15:10
Reserved.
9
Fast Back-to-Back Enable (FB2B)—RO.
Hardwired to 0.
8
SERR Message Enable (SERRE).
This bit is a global enable bit for Device 1 SERR messaging. The
GMCH communicates the SERR# condition by sending an SERR message to the ICH. If this bit is
set to a 1, the GMCH is enabled to generate SERR messages over HI for specific Device 1 error
conditions that are individually enabled in the BCTRL1 register. The error status is reported in the
PCISTS1 register. If SERRE1 is reset to 0, then the SERR message is not generated by the GMCH
for Device 1.
7
Address/Data Stepping (ADSTEP).
Hardwired to 0. Address/data stepping is not implemented in
the GMCH.
6
Parity Error Enable (PERRE).
Hardwired to 0. Parity checking is not supported on the primary side
of this device.
5
Reserved.
4
Memory Write and Invalidate Enable (MWIE).
Hardwired to 0.
3
Special Cycle Enable (SCE).
Hardwired to 0.
2
Bus Master Enable (BME).
0 = Disable (Default). AGP Master initiated Frame# cycles are ignored by the GMCH. The result is a
master abort. Ignoring incoming cycles on the secondary side of the PCI-to-PCI bridge
effectively disabled the bus master on the primary side.
1 = AGP master initiated Frame# cycles are accepted by the GMCH if they hit a valid address
decode range. This bit has no affect on AGP Master originated SBA or PIPE# cycles.
1
Memory Access Enable (MAE).
0 = Disable. All of Device 1’s memory space is disabled.
1 = Enable. This bit must be set to 1 to enable the Memory and Pre-fetchable memory address
ranges defined in the MBASE1, MLIMIT1, PMBASE1, and PMLIMIT1 registers.
0
IO Access Enable (IOAE).
0 = Disable. All of Device 1’s I/O space is disabled.
1 = Enable. This bit must be set to1 to enable the I/O address range defined in the IOBASE1, and
IOLIMIT1 registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com