Electronic Components Datasheet Search
  English  ▼

X  

845GL Datasheet(PDF) 94 Page - Intel Corporation

Part # 845GL
Description  Intel 82845G/82845GL/82845GV Graphics and Memory Controller Hub (GMCH)
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

845GL Datasheet(HTML) 94 Page - Intel Corporation

Back Button 845GL Datasheet HTML 90Page - Intel Corporation 845GL Datasheet HTML 91Page - Intel Corporation 845GL Datasheet HTML 92Page - Intel Corporation 845GL Datasheet HTML 93Page - Intel Corporation 845GL Datasheet HTML 94Page - Intel Corporation 845GL Datasheet HTML 95Page - Intel Corporation 845GL Datasheet HTML 96Page - Intel Corporation 845GL Datasheet HTML 97Page - Intel Corporation 845GL Datasheet HTML 98Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 193 page
background image
Register Description
94
Intel® 82845G/82845GL/82845GV GMCH Datasheet
3.5.3.3
PCICMD2—PCI Command Register (Device 2)
Address Offset:
04h
−05h
Default:
0000h
Access:
RO, R/W
Size:
16 bits
This 16-bit register provides basic control over the IGD’s ability to respond to PCI cycles. The
PCICMD Register in the IGD disables the IGD PCI compliant master accesses to main memory.
Bit
Description
15:10
Reserved.
9
Fast Back-to-Back (FB2B)—RO.
Hardwired to 0. Not Implemented.
8
SERR# Enable (SERRE)—RO.
Hardwired to 0. Not Implemented.
7
Address/Data Stepping—RO.
Hardwired to 0. Not Implemented.
6
Parity Error Enable (PERRE)—RO.
Hardwired to 0. Not Implemented. Since the IGD belongs to
the category of devices that does not corrupt programs or data in system memory or hard drives, the
IGD ignores any parity error that it detects and continues with normal operation.
5
Video Palette Snooping (VPS)—RO.
This bit is hardwired to 0 to disable snooping.
4
Memory Write and Invalidate Enable (MWIE)—RO.
Hardwired to 0. The IGD does not support
memory write and invalidate commands.
3
Special Cycle Enable (SCE)—RO.
Hardwired to 0. The IGD ignores Special cycles.
2
Bus Master Enable (BME)—R/W.
0 = Disable IGD bus mastering (default).
1 = Enable the IGD to function as a PCI compliant master.
1
Memory Access Enable (MAE)—R/W.
This bit controls the IGD’s response to memory space
accesses.
0 = Disable (default).
1 = Enable.
0
I/O Access Enable (IOAE)—R/W.
This bit controls the IGD’s response to I/O space accesses.
0 = Disable (default).
1 = Enable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com