Electronic Components Datasheet Search
  English  ▼

X  

845GL Datasheet(PDF) 48 Page - Intel Corporation

Part # 845GL
Description  Intel 82845G/82845GL/82845GV Graphics and Memory Controller Hub (GMCH)
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

845GL Datasheet(HTML) 48 Page - Intel Corporation

Back Button 845GL Datasheet HTML 44Page - Intel Corporation 845GL Datasheet HTML 45Page - Intel Corporation 845GL Datasheet HTML 46Page - Intel Corporation 845GL Datasheet HTML 47Page - Intel Corporation 845GL Datasheet HTML 48Page - Intel Corporation 845GL Datasheet HTML 49Page - Intel Corporation 845GL Datasheet HTML 50Page - Intel Corporation 845GL Datasheet HTML 51Page - Intel Corporation 845GL Datasheet HTML 52Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 193 page
background image
Register Description
48
Intel® 82845G/82845GL/82845GV GMCH Datasheet
3.5
Intel® GMCH Internal Device Registers
3.5.1
DRAM Controller/Host-Hub Interface Device Registers
(Device 0)
The DRAM controller and host-hub interface registers are in Device 0. This section contains the
PCI configuration registers listed in order of ascending offset address. Table 3-1 provides the
register address map for this device.
Table 3-1. DRAM Controller/Host-Hub Register Address Map (Device 0) (Sheet 1 of 2)
Address
Offset
Symbol
Register Name
Default Value
Access
00–01h
VID
Vendor Identification
8086h
RO
02–03h
DID
Device Identification
2560h
RO
04–05h
PCICMD
PCI Command Register
0006h
RO, R/W
06–07h
PCISTS
PCI Status Register
0090h
RO, R/WC
08h
RID
Revision Identification
see register
description
RO
09
—
Intel Reserved
—
—
0Ah
SUBC
Sub-Class Code
00h
RO
0Bh
BCC
Base Class Code
06h
RO
0Ch
—
Intel Reserved
—
—
0Dh
MLT
Master Latency Timer
00h
RO
0Eh
HDR
Header Type
00h
RO
0Fh
—
Intel Reserved
—
—
10–13h
APBASE
Aperture Base Configuration
00000008h
RO, R/W
14–2Bh
—
Intel Reserved
—
—
2C–2Dh
SVID
Subsystem Vendor Identification
0000h
R/WO
2E–2Fh
SID
Subsystem Identification
0000h
R/WO
30–33h
—
Intel Reserved
—
—
34h
CAPPTR
Capabilities Pointer
E4h
RO
35–50h
—
Intel Reserved
—
—
51h
AGPM
AGP Miscellaneous Configuration
00h
R/W
52h
GC
Graphics Control
0000_1000b
R/W
53–5Fh
—
Intel Reserved
—
—
60–63h
DRB[0:3]
DRAM Row Boundary (4 registers)
01h
RW
64–6Fh
—
Intel Reserved
—
—
70–71h
DRA[0:3]
DRAM Row Attribute (4 registers)
00h
RW
72–77h
—
Intel Reserved
—
—
78–7Bh
DRT
DRAM Timing Register
00000000h
RW
7C–7Fh
DRC
DRAM Controller Mode
00000000h
RW, RO
80–8Fh
—
Intel Reserved
—
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com