Electronic Components Datasheet Search
  English  ▼

X  

845GL Datasheet(PDF) 100 Page - Intel Corporation

Part # 845GL
Description  Intel 82845G/82845GL/82845GV Graphics and Memory Controller Hub (GMCH)
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

845GL Datasheet(HTML) 100 Page - Intel Corporation

Back Button 845GL Datasheet HTML 96Page - Intel Corporation 845GL Datasheet HTML 97Page - Intel Corporation 845GL Datasheet HTML 98Page - Intel Corporation 845GL Datasheet HTML 99Page - Intel Corporation 845GL Datasheet HTML 100Page - Intel Corporation 845GL Datasheet HTML 101Page - Intel Corporation 845GL Datasheet HTML 102Page - Intel Corporation 845GL Datasheet HTML 103Page - Intel Corporation 845GL Datasheet HTML 104Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 193 page
background image
Register Description
100
Intel® 82845G/82845GL/82845GV GMCH Datasheet
3.5.3.17
INTRPIN—Interrupt Pin Register (Device 2)
Address Offset:
3Dh
Default Value:
01h
Access:
RO
Size:
8 bits
3.5.3.18
MINGNT—Minimum Grant Register (Device 2)
Address Offset:
3Eh
Default Value:
00h
Access:
RO
Size:
8 bits
3.5.3.19
MAXLAT—Maximum Latency Register (Device 2)
Address Offset:
3Fh
Default Value:
00h
Access:
RO
Size:
8 bits
3.5.3.20
PMCAPID—Power Management Capabilities ID Register (Device 2)
Address Offset:
D0h
−D1h
Default Value:
0001h
Access:
RO
Size:
16 bits
Bit
Description
7:0
Interrupt Pin.
As a single function device, the IGD specifies INTA# as its interrupt pin.
01h=INTA#.
Bit
Description
7:0
Minimum Grant Value.
The IGD does not burst as a PCI compliant master.
Bits[7:0]=00h.
Bit
Description
7:0
Maximum Latency Value.
Bits[7:0]=00h. The IGD has no specific requirements for how often it
needs to access the PCI bus.
Bit
Description
15:8
NEXT_PTR.
This contains a pointer to next item in capabilities list. This is the final capability in the
list and must be set to 00h.
7:0
CAP_ID.
SIG defines this ID is 01h for power management.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com