Electronic Components Datasheet Search
  English  ▼

X  

845GL Datasheet(PDF) 102 Page - Intel Corporation

Part # 845GL
Description  Intel 82845G/82845GL/82845GV Graphics and Memory Controller Hub (GMCH)
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

845GL Datasheet(HTML) 102 Page - Intel Corporation

Back Button 845GL Datasheet HTML 98Page - Intel Corporation 845GL Datasheet HTML 99Page - Intel Corporation 845GL Datasheet HTML 100Page - Intel Corporation 845GL Datasheet HTML 101Page - Intel Corporation 845GL Datasheet HTML 102Page - Intel Corporation 845GL Datasheet HTML 103Page - Intel Corporation 845GL Datasheet HTML 104Page - Intel Corporation 845GL Datasheet HTML 105Page - Intel Corporation 845GL Datasheet HTML 106Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 193 page
background image
Register Description
102
Intel® 82845G/82845GL/82845GV GMCH Datasheet
3.5.4
Device 6 Registers
Device 6 registers are Intel Reserved, except for the following two registers.
3.5.4.1
DWTC—DRAM Write Throttling Control Register (Device 6)
Address Offset
D0–D7h
Default Value
0000000000000000h
Access
R/W, L
Size:
64 bits
Bits
Description
63:41
Intel Reserved.
40:28
Global Write Hexword Threshold (GWHT).
The thirteen-bit value held in this field is multiplied by
215 to arrive at the number of hexwords that must be written within the Global DRAM Write Sampling
Window to cause the throttling mechanism to be invoked.
27:22
Write Throttle Time (WTT).
This value provides a multiplier between 0 and 63 which specifies how
long throttling remains in effect as a number of Global DRAM Write Sampling Windows. For
example, if GDWSW is programmed to 1000_0000b and WTT is set to 01_0000b, then throttling will
be performed for 8192*105 host clocks (at 100 MHz) seconds once invoked
(128 * 4*105 host clocks * 16).
21:15
Write Throttle Monitoring Window (WTMW).
The value in this register is padded with 4 0’s to
specify a window of 0-2047 host clocks with 16 clock Granularity. While the throttling mechanism is
invoked, DRAM writes are monitored during this window. If the number of hexwords written during
the window reaches the Write Throttle Hexword Maximum, then write requests are blocked for the
remainder of the window.
14:3
Write Throttle Hexword Maximum (WTHM).
The Write Throttle Hexword Maximum defines the
maximum number of hexwords between 0-4095 which are permitted to be written to DRAM within
one Write Throttle Monitoring Window.
2:1
Write Throttle Mode ((WTMode).
00 = Throttling via Counters and Hardware throttle_on signal mechanisms disabled.
01 = Reserved
10 = Counter mechanism controlled through GDWSW and GWHT is enabled. When the threshold
set in GDWSW and GWHT is reached, throttling start/stop cycles occur based on the settings
in WTT, WTMWand WTHM.
11 = Reserved
0
START Write Throttle (SWT).
Software writes to this bit to start and stop write throttling.
0 = Write throttling stops and the counters associated with WTMW and WTHM are reset.
1 = Write throttling begins based on the settings in WTMW and WTHM, and remains in effect until
this bit is reset to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com