Electronic Components Datasheet Search
  English  ▼

X  

845GL Datasheet(PDF) 106 Page - Intel Corporation

Part # 845GL
Description  Intel 82845G/82845GL/82845GV Graphics and Memory Controller Hub (GMCH)
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

845GL Datasheet(HTML) 106 Page - Intel Corporation

Back Button 845GL Datasheet HTML 102Page - Intel Corporation 845GL Datasheet HTML 103Page - Intel Corporation 845GL Datasheet HTML 104Page - Intel Corporation 845GL Datasheet HTML 105Page - Intel Corporation 845GL Datasheet HTML 106Page - Intel Corporation 845GL Datasheet HTML 107Page - Intel Corporation 845GL Datasheet HTML 108Page - Intel Corporation 845GL Datasheet HTML 109Page - Intel Corporation 845GL Datasheet HTML 110Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 193 page
background image
Functional Description
106
Intel® 82845G/82845GL/82845GV GMCH Datasheet
When the processor or the GMCH drives data, each 16-bit segment is analyzed. If more than 8 of
the 16 signals would normally be driven low on the bus, the corresponding DINV# signal is
asserted and the data is inverted prior to being driven on the bus. When the processor or the GMCH
receives data, it monitors DINV[3:0]# to determine if the corresponding data segment should be
inverted.
4.1.2
System Bus Interrupt Delivery
Pentium 4 processors support system bus interrupt delivery. They do not support the APIC serial
bus interrupt delivery mechanism. Interrupt-related messages are encoded on the system bus as
“Interrupt Message Transactions.” In an 845G chipset, system bus interrupts can originate from the
processor on the system bus, or from a downstream device on hub interface, or AGP. In the later
case the GMCH drives the “Interrupt Message Transaction” on the system bus.
In an 845G chipset, the ICH4 contains IOxAPICs, and its interrupts are generated as upstream hub
interface memory writes. Furthermore, PCI Local Bus Specification, Revision 2.2 defines MSIs
(Message Signaled Interrupts) that are also in the form of memory writes. A PCI Local Bus
Specification, Revision 2.2 device can generate an interrupt as an MSI cycle on it’s PCI bus instead
of asserting a hardware signal to the IOxAPIC. The MSI can be directed to the IOxAPIC, which in
turn generates an interrupt as an upstream hub interface memory write. Alternatively, the MSI can
be directed directly to the system bus. The target of an MSI is dependent on the address of the
interrupt memory write. The GMCH forwards inbound hub interface and AGP (PCI semantic only)
memory writes to address 0FEEx_xxxxh, to the system bus as “Interrupt Message Transactions.”
4.1.3
Upstream Interrupt Messages
The GMCH accepts message based interrupts from AGP (PCI semantics only) or its hub interface,
and forwards them to the system bus as Interrupt Message Transactions. The interrupt messages
presented to the GMCH are in the form of memory writes to address 0FEEx_xxxxh. At the hub
interface or AGP interface, the memory write interrupt message is treated like any other memory
write; it is either posted into the inbound data buffer (if space is available) or retried (if data buffer
space is not immediately available). Once posted, the memory write from AGP or the hub
interface, to address 0FEEx_xxxxh, is decoded as a cycle that needs to be propagated by the
GMCH to the system bus as an Interrupt Message Transaction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com