Electronic Components Datasheet Search
  English  ▼

X  

845GL Datasheet(PDF) 109 Page - Intel Corporation

Part # 845GL
Description  Intel 82845G/82845GL/82845GV Graphics and Memory Controller Hub (GMCH)
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

845GL Datasheet(HTML) 109 Page - Intel Corporation

Back Button 845GL Datasheet HTML 105Page - Intel Corporation 845GL Datasheet HTML 106Page - Intel Corporation 845GL Datasheet HTML 107Page - Intel Corporation 845GL Datasheet HTML 108Page - Intel Corporation 845GL Datasheet HTML 109Page - Intel Corporation 845GL Datasheet HTML 110Page - Intel Corporation 845GL Datasheet HTML 111Page - Intel Corporation 845GL Datasheet HTML 112Page - Intel Corporation 845GL Datasheet HTML 113Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 193 page
background image
Intel® 82845G/82845GL/82845GV GMCH Datasheet
109
Functional Description
Memory Detection and Initialization
Before any cycles to the memory interface can be supported, the GMCH SDRAM registers must be
initialized. The GMCH must be configured for operation with the installed memory types.
Detection of memory type and size is done via the System Management Bus (SMB) interface on
the ICH4. This two-wire bus is used to extract the SDRAM type and size information from the
Serial Presence Detect port on the SDRAM DIMMs. SDRAM DIMMs contain a 5-pin Serial
Presence Detect interface, including SCL (serial clock), SDA (serial data), and SA[2:0]. Devices
on the SMBus bus have a 7-bit address. For the SDRAM DIMMs, the upper four bits are fixed at
1010. The lower three bits are strapped on the SA[2:0] pins. SCL and SDA are connected to the
System Management Bus on the ICH4. Thus, data is read from the Serial Presence Detect port on
the DIMMs via a series of I/O cycles to the ICH4. BIOS needs to determine the size and type of
memory used for each of the rows of memory to properly configure the GMCH memory interface.
SMBus Configuration and Access of the Serial Presence Detect Ports
For more details, refer to the Intel® 82801DB I/O Controller Hub 4 (ICH4) Datasheet.
Memory Register Programming
This section provides an overview of how the required information for programming the SDRAM
registers is obtained from the Serial Presence Detect ports on the DIMMs. The Serial Presence
Detect ports are used to determine Refresh Rate, MA and MD Buffer Strength, Row Type (on a
row by row basis), SDRAM Timings, Row Sizes, and Row Page Sizes. Table 4-4 lists a subset of
the data available through the on board Serial Presence Detect ROM on each DIMM. Table 4-4 is
only a subset of the defined SPD bytes on the DIMMs. These bytes collectively provide enough
data for programming the GMCH SDRAM registers.
4.2.4
Memory Address Translation and Decoding
The GMCH contains address decoders that translate the address received on the host bus or the hub
interface. Decoding and translation of these addresses vary with the four SDRAM types. Also, the
number of pages, page sizes, and densities supported vary with the type. The GMCH supports
64-Mb, 128-Mb, 256-Mb, and 512-Mb SDRAM devices. The multiplexed row/column address to
the SDRAM memory array is provided by the memory bank select and memory address signals.
These addresses are derived from the host address bus as defined by Table 4-5 for SDRAM
devices.
Table 4-4. Data Bytes on DIMM Used for Programming DRAM Registers
Byte
Function
2
Memory Type (SDR SDRAM or DDR SDRAM)
3
Number of Row Addresses, not counting Bank Addresses
4
Number of Column Addresses
5
Number of banks of SDRAM (single- or double-sided DIMM)
11
ECC, non-ECC (GMCH does not support ECC)
12
Refresh rate
17
Number of Banks on each device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com