Electronic Components Datasheet Search
  English  ▼

X  

845GL Datasheet(PDF) 107 Page - Intel Corporation

Part # 845GL
Description  Intel 82845G/82845GL/82845GV Graphics and Memory Controller Hub (GMCH)
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

845GL Datasheet(HTML) 107 Page - Intel Corporation

Back Button 845GL Datasheet HTML 103Page - Intel Corporation 845GL Datasheet HTML 104Page - Intel Corporation 845GL Datasheet HTML 105Page - Intel Corporation 845GL Datasheet HTML 106Page - Intel Corporation 845GL Datasheet HTML 107Page - Intel Corporation 845GL Datasheet HTML 108Page - Intel Corporation 845GL Datasheet HTML 109Page - Intel Corporation 845GL Datasheet HTML 110Page - Intel Corporation 845GL Datasheet HTML 111Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 193 page
background image
Intel® 82845G/82845GL/82845GV GMCH Datasheet
107
Functional Description
4.2
System Memory Controller
The GMCH can be configured to support either SDR SDRAM or DDR SDRAM memory.
4.2.1
DDR SDRAM Interface Overview
The GMCH can support DDR266 and DDR200 in DDR mode with SSTL_2 signaling. The GMCH
includes support for:
• Up to 2 GB of 266 MHz or 200 MHz DDR SDRAM
• DDR266 or DDR200 unbuffered 184-pin non-ECC DDR SDRAM DIMMs
• Maximum of two DIMMs, single-sided and/or double-sided
• Byte masking on writes through data masking
The bank address lines and the address lines allow the GMCH to support 64-bit wide DIMMs using
64-Mb, 128-Mb, 256-Mb, and 512-Mb SDRAM technology. The four chip select lines support up
to four rows of double-sided SDRAM DIMMs. For write operations of less than a QWord, the
GMCH performs a byte-wise write. The GMCH does not support ECC DIMMs, registered
DIMMs, or double-sided x16 DIMMs.
4.2.2
SDR SDRAM Interface Overview
In addition to DDR SDRAM, the GMCH can support PC133 with LVTTL signaling. The GMCH
integrates a main memory SDRAM controller with a 64-bit wide interface and 8 system memory
clock signals, each at 133 MHz for SDR SDRAM. The GMCH supports the following:
• Up to 2 GB of 133 MHz SDR SDRAM.
• PC133 unbuffered 168-pin non-ECC SDR SDRAM DIMMs.
• Maximum of two DIMMs, single-sided and/or double-sided.
• Byte masking on writes through data masking
The bank address lines and the address lines allow the GMCH to support 64-bit wide DIMMs using
64-Mb, 128-Mb, 256-Mb, and 512-Mb SDRAM technology. The eight chip select lines support up
to four rows of double-sided SDRAM DIMMs. For write operations of less than a QWord, the
GMCH performs a byte-wise write. The GMCH does not support ECC DIMMs, registered
DIMMs, mixed-mode (uneven) DS DIMMs, or PC100 DIMMs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com